Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CENTRONICS Datasheet(PDF) 2 Page - AG Electronica

Part # CENTRONICS
Description  CONECTOR CENTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CENTRONICS Datasheet(HTML) 2 Page - AG Electronica

  CENTRONICS Datasheet HTML 1Page - AG Electronica CENTRONICS Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.agelectronica.com
Aplicaciones
Impresoras
Dimensiones
A
B
C
67.75mm
48.9mm
59.74mm
AG Electrónica S.A.P.I DE C.V
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
http://www.agelectronica.com/
CONECTOR CENTRONICS
CENTRONICS
Fecha:
13/11/2019
REALIZO: JMML
REV: DMSP
ESCALA:
N/A
ACOTACIÓN:
N/A
TOLERANCIA:
N/A
TOLERANCIA:
N/A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com