Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC416 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 10Page - Semtech Corporation SC416 Datasheet HTML 11Page - Semtech Corporation SC416 Datasheet HTML 12Page - Semtech Corporation SC416 Datasheet HTML 13Page - Semtech Corporation SC416 Datasheet HTML 14Page - Semtech Corporation SC416 Datasheet HTML 15Page - Semtech Corporation SC416 Datasheet HTML 16Page - Semtech Corporation SC416 Datasheet HTML 17Page - Semtech Corporation SC416 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
SC416
14
If an external capacitor is connected to SS, with no other
components, then the 5uA current into the capacitor cre-
ates a linear voltage ramp. The internal FB comparator
tracks this SS ramp, which forces VOUT to track the SS
ramp. The time in msec needed for the SS ramp to reach
the 750mV reference is:
T
START
= Css × 150
(T
START
in μsec, Css in nF)
At the end of this time, the SS pin has reached 750mV
and the output voltage is at its nominal value. The FB
comparator then switches over to the internal 750mV
REF, and the SS pin is thereafter ignored. The 5μA cur-
rent source remains on, so the Css capacitor continues to
charge up to +5V.
The SS pin can be connected to a capacitor to provide a
programmable ramp, or connected to a resistor divider
from the other output to provide a synchronized startup,
see the Voltage Tracking section.
The startup waveforms when using a capacitor for the
voltage ramp are shown in Figure 7.
EN
VOUT
5V
SS
750mV
SS linear ramp: 5uA
current source into CSS
CSS
SS
EN
SC416
TSTART
Figure 7
Applications Information (continued)
Shutdown Sequence
Each output has a controlled shutdown. The ramp-down
sequence is optimized for use with an external SS capaci-
tor. When the EN pin is set low, psave mode is disabled
and the shutdown sequence begins. The SS pin stops
sourcing 5uA, and an internal 4K pulldown resistor is en-
abled along with a 5uA current sink. The 4K resistor helps
discharge of the SS capacitor (if used), which was previ-
ously charged to +5V by the 5uA current source. The SS
capacitor discharges quickly; when the SS voltage reach-
es 810mV, the 4K resistor is released, leaving the 5μA cur-
rent sink on (current into the SS pin), which discharges
the SS capacitor from 810mV to 750mV at a slower rate.
When the SS voltage reaches 750mV, the ramp-down at
VOUT begins. With SS at 750mV, the FB comparator ig-
nores the internal 750mV reference and instead uses the
SS ramp-down to regulate VOUT. As the SS pin ramps
down from 750mV due to the current sink, VOUT follows
the SS pin in a linear ramp-down.
Note that psave is disabled during the shutdown cycle
to allow VOUT to actively track the SS ramp-down, even
with no load.
The ramp-down continues until VOUT falls to 300mV as
sensed at the VOUT pin, not the FB pin. At this point the
switching is disabled, the DH and DL drivers are set low
(both MOSFETs off), and an internal 16 ohm pulldown
connects to the VOUT pin to finish soft-discharge of the
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com