Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC416 Datasheet(PDF) 22 Page - Semtech Corporation

Part # SC416
Description  Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC416 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button SC416 Datasheet HTML 18Page - Semtech Corporation SC416 Datasheet HTML 19Page - Semtech Corporation SC416 Datasheet HTML 20Page - Semtech Corporation SC416 Datasheet HTML 21Page - Semtech Corporation SC416 Datasheet HTML 22Page - Semtech Corporation SC416 Datasheet HTML 23Page - Semtech Corporation SC416 Datasheet HTML 24Page - Semtech Corporation SC416 Datasheet HTML 25Page - Semtech Corporation SC416 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
SC416
22
The schematic with added capacitor C is shown below.
R1
R2
To FB
C
COUT
VOUT
Figure 14
This capacitor should be left out until confirmation that
double-pulsing exists. It is best to leave a spot on the
PCB in case it is needed.
FB/VOUT Ripple
Because the constant on-time control method triggers a
DH pulse whenever the FB waveform reaches the 750mV
trip point, it is important that the VOUT and FB ripple
waveforms are well shaped. This waveform will depend
on the output capacitors.
The idealized case for the output filter has an inductor
and a capacitor COUT with series ESR. The voltage ripple
due to charging and discharging COUT is typically much
smaller than the ripple voltage due to ESR, so the over-
all ripple waveform is generally determined by ESR only.
The result is a well-defined sawtooth, see Figure 15.
Applications Information (continued)
Figure15
In many applications, the output capacitor also has some
series inductance (ESL), and this can have a large effect
on ripple. The ripple current creates voltage across the
ESL; this is a square wave similar to the LX waveform. The
result is shown below. Note the fast rising and falling
edges created by the ESL.
R1
R2
To FB
COUT
VOUT
LOAD
LX
ESR
Inductor Ripple
Current
VOUT ripple
from ESR
FB ripple
750 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com