Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC621 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC621
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC621 Datasheet(HTML) 5 Page - Semtech Corporation

  SC621 Datasheet HTML 1Page - Semtech Corporation SC621 Datasheet HTML 2Page - Semtech Corporation SC621 Datasheet HTML 3Page - Semtech Corporation SC621 Datasheet HTML 4Page - Semtech Corporation SC621 Datasheet HTML 5Page - Semtech Corporation SC621 Datasheet HTML 6Page - Semtech Corporation SC621 Datasheet HTML 7Page - Semtech Corporation SC621 Datasheet HTML 8Page - Semtech Corporation SC621 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
SC621
5
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LDO Electrical Specifications
(continued)
Load Regulation
ΔV
LOAD
V
LDO1
= 3.3V, V
IN
= 3.7V,
I
LDO1
= 1mA to 100 mA
25
mV
V
LDO2
= 1.8V, V
IN
= 3.7V,
I
LDO2
= 1mA to 100 mA
20
Dropout Voltage(5)
V
D
I
LDO1
= 100mA
100
150
mV
Current Limit
I
LIM
200
mA
Power Supply
Rejection Ratio
PSRR
LDO1
2.5V < V
LDO1
< 3V, f < 1kHz, C
BYP
= 22nF, I
LDO1
= 50mA,
V
IN
= 3.7V with 0.5V
P-P
ripple
50
dB
PSRR
LDO2
f < 1kHz, C
BYP
= 22nF, I
LDO2
= 50mA,
V
IN
= 3.7V with 0.5V
P-P
ripple
60
Output Voltage Noise
e
n-LDO1
LDO1, 10Hz < f < 100kHz, C
BYP
= 22nF, C
LDO
= 1μF,
I
LDO1
= 50 mA, V
IN
= 3.7V, 2.5V < V
LDO1
< 3V
100
μV
RMS
e
n-LDO2
LDO2, 10Hz < f < 100kHz, C
BYP
= 22nF, C
LDO
= 1μF,
I
LDO2
= 50 mA, V
IN
= 3.7V
50
Minimum Output Capacitor
C
LDO(MIN)
1μF
Digital I/O Electrical Specifications (FLEN, SWIF)
Input High Threshold
V
IH
V
IN
= 5.5V
1.6
V
Input Low Threshold
V
IL
V
IN
= 3.0V
0.4
V
Input High Current
I
IH
V
IN
= 5.5V
-1
+1
μA
Input Low Current
I
IL
V
IN
= 5.5V
-1
+1
μA
SemWire Bit Rate
f
SWIF
10
75
kbit/s
SemWire Start-up Time(6)
t
EN
1ms
SemWire Disable Time(7)
t
DIS
10
ms
SemWire Data Latch Delay(8)
D
DL
5
bit
Notes:
(1)
ΔV
F
is the voltage difference between any two LEDs.
(2)
Once tripped, flash output will remain disabled until FLEN pin is cycled or reset via serial interface.
(3)
Current matching equals ± [I
BL(MAX)
- I
BL(MIN
] / [I
BL(MAX)
+ I
BL(MIN)
].
(4)
Test voltage is V
OUT
= 4.0V — a relatively extreme LED voltage — to force a transition during test. Typically V
OUT
= 3.2V for white LEDs.
(5)
Dropout is defined as (V
IN
- V
LDO1
) when V
LDO1
drops 100mV from nominal. Dropout does not apply to LDO2 since it has a maximum output voltage
of 1.8V.
(6)
The SemWire start-up time is the minimum period that the SWIF pin must be held high to enable the part before commencing
communication.
(7)
The SemWire disable time is the minimum period that the SWIF pin must be pulled low to shut the part down.
(8)
The SemWire data latch delay is the maximum duration after communication has ended before the register is updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com