Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC621 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC621
Description  LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC621 Datasheet(HTML) 1 Page - Semtech Corporation

  SC621 Datasheet HTML 1Page - Semtech Corporation SC621 Datasheet HTML 2Page - Semtech Corporation SC621 Datasheet HTML 3Page - Semtech Corporation SC621 Datasheet HTML 4Page - Semtech Corporation SC621 Datasheet HTML 5Page - Semtech Corporation SC621 Datasheet HTML 6Page - Semtech Corporation SC621 Datasheet HTML 7Page - Semtech Corporation SC621 Datasheet HTML 8Page - Semtech Corporation SC621 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT
1
SC621
LED Light Management Unit
Charge Pump, 4 LEDs, 400mA Flash LED,
Dual LDOs, and SemWireTM Interface
© 2007 Semtech Corporation
Features
Input supply voltage range — 3.0V to 5.5V
Charge pump modes — 1x, 1.5x and 2x
Four programmable current sinks with 32 steps from
0.5mA to 25mA
Flash LED — 400mA max in flash mode, 250mA max
continuous for spotlight
Two user-configurable 100mA low-noise LDO
regulators
Charge pump frequency — 250kHz
SemWireTM single wire interface — up to 75kbit/s
Backlight current accuracy ±1.5% typical
Backlight current matching ±0.5% typical
Programmable fade-in/fade-out for main backlight
External flash control pin to sync with camera
Optional 1s flash time out
Automatic sleep mode (LEDs off ) — I
Q
= 100μA
Low shutdown current — 0.1μA (typical)
Ultra-thin package — 3mm x 3mm x 0.6mm
Fully WEEE and RoHS compliant
Applications
Cellular phone backlighting and flash
PDA backlighting and flash
Camera I/O and core power
Description
The SC621 is a high efficiency charge pump LED driver
using Semtech’s proprietary mAhXLifeTM technology.
Performance is optimized for use in single-cell Li-ion
battery applications.
The
charge
pump
provides
backlight
current
in
conjunction with four matched current sinks. It also can
supply continuous or bursted current to a flash LED using
the dedicated flash driver current sink. The load and
supply conditions determine whether the charge pump
operates in 1x, 1.5x, or 2x mode. An optional fading feature
that gradually adjusts the backlight current is provided to
simplify control software. A flash-timeout feature disables
the flash if active for longer than 1 second. The SC621 also
provides two low-dropout, low-noise linear regulators for
powering a camera module or other peripheral circuits.
The SC621 uses the proprietary SemWireTM single wire
interface. The interface controls all functions of the
device, including backlight and flash currents as well as
two LDO voltage outputs. The single wire implementation
minimizes microcontroller and interface pin counts. The
flash/spotlight output is triggered via either the SemWire
interface or a dedicated pin.
In sleep mode, the device reduces quiescent current to
100
μA while continuing to monitor the serial interface.
The two LDOs can be enabled when the device is in sleep
mode. Total current reduces to 0.1μA in shutdown.
SC621
VIN
SWIF
FLEN
BYP
AGND
PGND
VOUT
BL1
FL
FLASH
CIN
2.2μF
MAIN BACKLIGHT
LDO1
GREF
C1+
SemWire
Interface
Flash
Control
VLDO1 = 2.5V to 3.3V
VLDO2 = 1.5V to 1.8V
VBAT
CBYP
22nF
COUT
4.7μF
CLDO2
1μF
CLDO1
1μF
C2
2.2μF
C1
2.2μF
LDO2
BL2
BL3
BL4
C2+
C1-
C2-
US Patents: 6,504,422; 6,794,926
Typical Application Circuit
June 27, 2007


Similar Part No. - SC621

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC621 SEMTECH-SC621 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC621A SEMTECH-SC621A Datasheet
314Kb / 24P
Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621A SEMTECH-SC621A Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621AEVB SEMTECH-SC621AEVB Datasheet
314Kb / 24P
Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621AEVB SEMTECH-SC621AEVB Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
More results

Similar Description - SC621

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC623 SEMTECH-SC623 Datasheet
274Kb / 21P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, and SemWireTM Interface
SC624 SEMTECH-SC624 Datasheet
288Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs, and SemWireTM Interface
SC627 SEMTECH-SC627 Datasheet
362Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622 SEMTECH-SC622 Datasheet
300Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWireTM Interface
SC622A SEMTECH-SC622A Datasheet
313Kb / 23P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and I2C Interface
SC621 SEMTECH-SC621_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump,4 LEDs, 400mA Flash LED Dual LDOs,and SemWire Interface
SC621A SEMTECH-SC621A_09 Datasheet
320Kb / 24P
LED Light Management Unit Charge Pump, 4 LEDs, 400mA Flash LED, Dual LDOs, and I2C Interface
SC622 SEMTECH-SC622_09 Datasheet
301Kb / 21P
LED Light Management Unit Charge Pump, 400mA Flash LED, Dual LDOs, and SemWire Interface
SC624 SEMTECH-SC624_09 Datasheet
295Kb / 22P
LED Light Management Unit Charge Pump, 4 LEDs, Dual LDOs,and SemWireTM Interface
SC627 SEMTECH-SC627_09 Datasheet
314Kb / 23P
LED Light Management Unit Charge Pump, 4 LEDs, 700mA Flash LED, Dual LDOs, and SemWireTM Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com