Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2442ITSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2442ITSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2442ITSTRT Datasheet HTML 2Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 3Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 4Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 5Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 6Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 7Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 8Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 9Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Application Information (Contd)
Fig 5) 1.8V Transient response for 10% to 100% step load
Fig 6) 3.3V Transient response for 10% to 100% step load
Fig 3) Switching waveforms at Phase Node with full load.
Top trace: 1.8V/1A
Bottom trace: 3.3V/0.6A
Fig 4) Output ripple and noise at full load
Top trace: 3.3V Output
Bottom trace: 1.8V Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com