Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2442ITSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2442ITSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC2442ITSTRT Datasheet HTML 1Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 2Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 3Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 4Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 5Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 6Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 7Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 8Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
S
V
O
L
V
U
g
n
i
s
i
r
C
C
V
A5
.
46
.
45
7
.
4V
s
i
s
e
r
e
t
s
y
H
O
L
V
U
V
T
S
Y
H
g
n
il
l
a
f
C
C
V
A5
1
.
0V
y
l
p
p
u
S
r
e
w
o
P
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
I
C
S
Q
w
o
L
=
N
E
/
C
N
Y
S
,
d
a
o
l
o
N8
3
1A
m
d
e
t
a
l
u
g
e
R
C
C
V
P
/
C
C
V
AC
C
V
P
,
C
C
V
AV
8
>
N
I
V7
.
60
.
73
.
7V
t
n
e
r
r
u
C
e
v
i
r
D
I
D
B
I
I
D
B
V
2
+
C
C
V
A
>
N
I
V3
5
A
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
P
o
t
2
T
S
B
,
1
T
S
B
2
4
4
2
C
S
H
2
4
4
2
C
S
V
,
1
T
S
B
V
2
T
S
B
8
3
4
4
V
D
N
G
P
o
t
N
I
V
2
4
4
2
C
S
H
2
4
4
2
C
S
N
I
V
0
3
6
3
V
D
N
G
P
o
t
I
D
B
V
I
D
B
N
I
VV
N
I
V
o
t
2
C
O
d
n
a
1
C
O
V
-
N
I
V
1
C
O
V
-
N
I
V
,
2
C
O
5
.
0
+
o
t
3
.
0
-V
D
N
G
P
o
t
C
C
V
A
,
C
C
V
PC
C
V
A
,
C
C
V
P8
V
2
H
P
o
t
2
T
S
B
,
1
H
P
o
t
1
T
S
B
2
H
P
o
t
H
2
D
G
,
1
H
P
o
t
H
1
D
G
8
o
t
3
.
0
-V
D
N
G
P
o
t
L
2
D
G
,
L
1
D
G
C
C
V
P
o
t
3
.
0
-V
D
N
G
A
o
t
D
N
G
P
3
.
0
±V
)
S
n
0
0
1
r
o
f
(
D
N
G
P
t
r
w
g
n
i
w
s
e
v
-
2
H
P
,
1
H
P
V
,
1
H
P
V
2
H
P
1
-V
D
N
G
A
o
t
s
n
i
P
r
e
h
t
O
ll
A
C
C
V
A
o
t
3
.
0
-V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
5
1
+
o
t
0
6
-C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
L
0
6
2C
°
Unless specified: T
A = TJ = -40 to 125°C, VIN = 24V,
V
CC = 7V,
Fc = 550KHz
Exceeding the specifications below may result in permanent damage to the device, or device malfunction.
Operation outside of the parameters specified in the Electrical Characteristics section is not implied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com