Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # SMART
Description  Ashcroft® SMART Transmitter Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

SMART Datasheet(HTML) 3 Page - Ashcroft, Inc.

  SMART Datasheet HTML 1Page - Ashcroft, Inc. SMART Datasheet HTML 2Page - Ashcroft, Inc. SMART Datasheet HTML 3Page - Ashcroft, Inc. SMART Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING CODE (continued)
Example:
TS
A
04
0
A001
T
0
0
CK 0/60# -XC4NH7G
Fill Fluids
DJ - 10 cSt Silicone
CK - 50 cSt Silicone
CK
CG - Glycerin
CF - Halocarbon
HA - Syltherm 800
CC - Syltherm XLT
NM - Neobee M20
Specify Desired Transmitter Output Range (use V for full vacuum, N for negative)
[Output @ 4mA]
e.g. 0/60#
[Output @ 20mA]
Options (include "X" if selecting options)
-X
C4 - Certifed calibration chart
C4
6B - Cleaning for oxygen service (must select Halocarbon fill)
6W - Cleaning for oxidizer service
NH - Metal assembly tagging
NH
KH - Custom calibration requirements (e.g. mounting offset)
1H - Hydrostatic testing
7G -
Note: Include 7G in all instrument part numbers included in assembly
7G
Ordering Guide
Ashcroft® SMART Transmitter Assemblies
of 4
2
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. SMART_og_RevB_08-19-20
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 4
3
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. SMART_og_RevB_08-19-20
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com