Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # SMART
Description  Ashcroft® SMART Transmitter Assemblies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

SMART Datasheet(HTML) 1 Page - Ashcroft, Inc.

  SMART Datasheet HTML 1Page - Ashcroft, Inc. SMART Datasheet HTML 2Page - Ashcroft, Inc. SMART Datasheet HTML 3Page - Ashcroft, Inc. SMART Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ashcroft offers the assembly of SMART transmitters to
our diaphragm seals and isolation rings, ensuring that
your pressure assemblies are tested for accuracy and
leak integrity prior to shipment. Our transmitter assembly
service helps to take the guesswork out of specifying
the correct pressure instrumentation and assembly
orientation, while our Ashcroft instrumentation experts
ensure that the instruments are compatible and properly
calibrated to suit your application.
Selection is easy: choose the transmitter you want us
to attach and configure the appropriate assembly code
according to the instructions in this document. We’ll build
the assembly with our custom-made low volume fittings
for minimal temperature error, fill the assembly with our
state-of-the-art vacuum filling system, and ensure that
every instrument in the assembly is checked for calibration
prior to shipment.
To ensure compatibility with the seal or isolation ring being
attached, we recommend the following:
■
Note the instrument connection: make sure all
instruments being attached are the same size NPT
■
Note the required output span – make sure it does not
exceed the pressure rating of the isolator or the ranges
of any attached instrument.
■
Remove any option codes for block and bleed valves
from the transmitter manufacturer part number– these
cannot be installed above a diaphragm seal.
If in doubt, submit the form found at
https://bit.ly/transmitterform and we’ll respond within 24
hours with our recommendations.
Refer to the coding table on pages 2 thru 3 to select the
appropriate coding for the assembly orientation you need.
When ordering, be sure to include the full transmitter part
number somewhere on the purchase order. Refer to the
respective data sheets to configure part numbers for
isolation rings, seals, and any other instrument included
on the assembly. (see coding example on page 4)
Working through your Ashcroft sales representative or
authorized distributor, submit your order. Once it has
been entered into our system, we will issue a return
authorization number for your transmitters.
Step 2: - Configure the Assembly Part Number
Step 3: - Send us your SMART Transmitter
Step 1: - Transmitter Selection
Ordering Guide
Ashcroft® SMART Transmitter Assemblies
of 4
1
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2020 Ashcroft Inc. SMART_og_RevB_08-19-20
ashcroft.com
info@ashcroft.com
1.800.328.8258


Similar Part No. - SMART

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SMART HONEYWELL-SMART Datasheet
510Kb / 4P
smart position sensor,75 mm linear configuration
logo
List of Unclassifed Man...
SMART-SERVER2 ETC2-SMART-SERVER2 Datasheet
1Mb / 4P
The Smart Way to Save Energy and Lower Operating Co
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
More results

Similar Description - SMART

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KFD2-STC4-EX2 PF-KFD2-STC4-EX2 Datasheet
316Kb / 3P
SMART Transmitter Power Supply
HIC2025A PF-HIC2025A Datasheet
815Kb / 5P
SMART Transmitter Power Supply
HIC2027 PF-HIC2027 Datasheet
880Kb / 6P
SMART Transmitter Power Supply
HID2030 PF-HID2030 Datasheet
1Mb / 5P
SMART Transmitter Power Supply
HID2022SK PF-HID2022SK Datasheet
751Kb / 4P
SMART Transmitter Power Supply
KCD2-STC-EX1.SP PF-KCD2-STC-EX1.SP Datasheet
926Kb / 5P
SMART Transmitter Power Supply
KCD2-STC-EX1.ES PF-KCD2-STC-EX1.ES Datasheet
924Kb / 6P
SMART Transmitter Power Supply
KCD2-STC-1 PF-KCD2-STC-1 Datasheet
1Mb / 4P
SMART Transmitter Power Supply
KFD2-STC5-1 PF-KFD2-STC5-1 Datasheet
942Kb / 5P
SMART Transmitter Power Supply
2021-11-29
KFD2-STC5-EX1 PF-KFD2-STC5-EX1 Datasheet
1Mb / 6P
SMART Transmitter Power Supply
2021-11-29
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com