Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS202DLTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # LIS202DLTR
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DLTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LIS202DLTR Datasheet HTML 17Page - STMicroelectronics LIS202DLTR Datasheet HTML 18Page - STMicroelectronics LIS202DLTR Datasheet HTML 19Page - STMicroelectronics LIS202DLTR Datasheet HTML 20Page - STMicroelectronics LIS202DLTR Datasheet HTML 21Page - STMicroelectronics LIS202DLTR Datasheet HTML 22Page - STMicroelectronics LIS202DLTR Datasheet HTML 23Page - STMicroelectronics LIS202DLTR Datasheet HTML 24Page - STMicroelectronics LIS202DLTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LIS202DL
Register description
21/36
STP, STM bits are used to activate the self test function. When the bit is set to one, an
output change will occur to the device outputs (refer to Table 3 and Table 4 for specification)
thus allowing to check the functionality of the whole measurement chain.
Yen bit enables the generation of Data Ready signal for Y-axis measurement channel when
set to 1. The default value is 1.
Xen bit enables the generation of Data Ready signal for X-axis measurement channel when
set to 1. The default value is 1.
7.3
CTRL_REG2 (21h)
SIM bit selects the SPI Serial Interface Mode. When SIM is ‘0’ (default value) the 4-wire
interface mode is selected. The data coming from the device are sent to SDO pad. In 3-wire
interface mode output data are sent to SDA_SDI pad.
BOOT bit is used to refresh the content of internal registers stored in the flash memory
block. At the device power up the content of the flash memory block is transferred to the
internal registers related to trimming functions to permit a good behavior of the device itself.
If for any reason the content of trimming registers was changed it is sufficient to use this bit
to restore correct values. When BOOT bit is set to ‘1’ the content of internal flash is copied
inside corresponding internal registers and it is used to calibrate the device. These values
are factory trimmed and they are different for every accelerometer. They permit a good
behavior of the device and normally they have not to be changed. At the end of the boot
process the BOOT bit is set again to ‘0’.
FDS bit enables (FDS=1) or bypass (FDS=0) the high pass filter in the signal chain of the
sensor
HP_coeff[2:1]. These bits are used to configure high-pass filter cut-off frequency ft.
Table 12.
Register
SIM
BOOT
--
FDS
HP WU2
HP WU1
HP_coeff2
HP_coeff1
Table 13.
Register description
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
FDS
Filtered Data Selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register)
HP WU2
High Pass filter enabled for WakeUp # 2. Default value: 0
(0: filter bypassed; 1: filter enabled)
HP WU1
High Pass filter enabled for Wake-Up #1. Default value: 0
(0: filter bypassed; 1: filter enabled)
HP coeff2
HP coeff1
High pass filter cut-off frequency configuration. Default value: 00
(See table below)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com