Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS202DLTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # LIS202DLTR
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DLTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LIS202DLTR Datasheet HTML 19Page - STMicroelectronics LIS202DLTR Datasheet HTML 20Page - STMicroelectronics LIS202DLTR Datasheet HTML 21Page - STMicroelectronics LIS202DLTR Datasheet HTML 22Page - STMicroelectronics LIS202DLTR Datasheet HTML 23Page - STMicroelectronics LIS202DLTR Datasheet HTML 24Page - STMicroelectronics LIS202DLTR Datasheet HTML 25Page - STMicroelectronics LIS202DLTR Datasheet HTML 26Page - STMicroelectronics LIS202DLTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LIS202DL
Register description
23/36
7.5
HP_FILTER_RESET (23h)
Dummy register. Reading at this address zeroes instantaneously the content of the internal
high pass-filter. If the high pass filter is enabled all two axes are instantaneously set to 0g.
This allows to overcome the settling time of the high pass filter.
7.6
STATUS_REG (27h)
7.7
OUT_X (29h)
X axis output data.
7.8
OUT_Y (2Bh)
Table 18.
Register
XYOR
--
YOR
XOR
YXDA
--
YDA
XDA
Table 19.
Register description
YXOR
X, Y axis Data Overrun. Default value: 0
(0: no overrun has occurred;
1: new data has over written the previous one before it was read)
YOR
Y axis Data Overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the Y-axis has overwritten the previous one)
XOR
X axis Data Overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the X-axis has overwritten the previous one)
YXDA
X, Y axis new Data Available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
YDA
Y axis new Data Available. Default value: 0
(0: a new data for the Y-axis is not yet available;
1: a new data for the Y-axis is available)
XDA
X axis new Data Available. Default value: 0
(0: a new data for the X-axis is not yet available;
1: a new data for the X-axis is available)
Table 20.
Register
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
Table 21.
Register
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com