Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1622 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT1622 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
-68.43
71.78
28
48.15
-71.91
2
-68.43
59.46
29
54.78
-71.91
3
-68.43
52.83
30
69.32
-10.67
4
-69.19
39.14
31
69.32
-4.04
5
-69.36
23.89
32
69.32
2.59
6
-69.36
16.32
33
69.32
9.22
7
-69.36
9.69
34
69.32
15.85
8
-69.36
3.06
35
69.32
22.48
9
-69.36
-3.57
36
69.32
29.11
10
-69.36
-16.92
37
69.32
35.74
11
-69.36
-33.83
38
69.32
42.37
12
-69.36
-43.52
39
69.32
49.00
13
-69.36
-50.15
40
69.32
55.63
14
-69.36
-56.78
41
69.32
62.26
15
-69.36
-63.41
42
69.32
68.89
16
-69.36
-70.04
43
14.19
71.78
17
-39.23
-71.14
44
7.57
71.78
18
-32.60
-71.14
45
0.94
71.78
19
-20.19
-71.14
46
-5.70
71.78
20
-13.56
-71.14
47
-12.32
71.78
21
-1.15
-71.14
48
-18.95
71.78
22
5.48
-71.14
49
-25.58
71.78
23
15.00
-71.91
50
-32.22
71.78
24
21.63
-71.91
51
-38.85
71.78
25
28.26
-71.91
52
-45.47
71.78
26
34.89
-71.91
53
-52.10
71.78
27
41.52
-71.91
54
-58.74
71.78
Pad Description
Pad No.
Pad Name
I/O
Description
1CS
I
Chip selection input with Pull-high resistor. When the CS is logic high, the
data and command read from or written to the HT1622 are disabled. The se-
rial interface circuit is also reset. But if CS is at logic low level and is input to
the CS pad, the data and command transmission between the host controller
and the HT1622 are all enabled.
2RD
I
READ clock input with Pull-high resistor. Data in the RAM of the HT1622 are
clocked out on the falling edge of the RD signal. The clocked out data will ap-
pear on the data line. The host controller can use the next rising edge to latch
the clocked out data.
3WR
I
WRITE clock input with Pull-high resistor. Data on the DATA line are latched
into the HT1622 on the rising edge of the WR signal.
4
DATA
I/O
Serial data input or output with Pull-high resistor
5
VSS
¾
Negative power supply, ground
6
OSCI
I
If the system clock comes from an external clock source, the external clock
source should be connected to the OSCI pad.
7
VDD
¾
Positive power supply
8
VLCD
I
LCD operating voltage input pad
9
IRQ
O
Time base or Watchdog Timer overflow flag, NMOS open drain output
10, 11
BZ, BZ
O
2kHz or 4kHz tone frequency output pair
12~14
T1~T3
I
Not connected
15~22
COM0~COM7
O
LCD common outputs
23~54
SEG0~SEG31
O
LCD segment outputs
HT1622
Rev. 1.40
3
February 6, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com