Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1622 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 32x8 LCD Controller for I/O MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1622 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+5.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage.............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.7
¾
5.2
V
IDD1
Operating Current
3V
No load or LCD ON
On-chip RC oscillator
¾
80
210
mA
5V
¾
135
415
mA
IDD2
Operating Current
3V
No load or LCD OFF
On-chip RC oscillator
¾
830
mA
5V
¾
20
55
mA
ISTB
Standby Current
3V
No load, Power down mode
¾
18
mA
5V
¾
216
mA
VIL
Input Low Voltage
3V
DATA, WR,CS,RD
0
¾
0.6
V
5V
0
¾
1.0
V
VIH
Input High Voltage
3V
DATA, WR,CS,RD
2.4
¾
3V
5V
4.0
¾
5V
IOL1
BZ, BZ, IRQ
3V
VOL=0.3V
0.9
1.8
¾
mA
5V
VOL=0.5V
1.7
3
¾
mA
IOH1
BZ, BZ
3V
VOH=2.7V
-0.9
-1.8
¾
mA
5V
VOH=4.5V
-1.7
-3
¾
mA
IOL1
DATA
3V
VOL=0.3V
200
450
¾mA
5V
VOL=0.5V
250
500
¾mA
IOH1
DATA
3V
VOH=2.7V
-200
-450
¾mA
5V
VOH=4.5V
-250
-500
¾mA
IOL2
LCD Common Sink Current
3V
VOL=0.3V
15
40
¾mA
5V
VOL=0.5V
100
200
¾mA
IOH2
LCD Common Source Current
3V
VOH=2.7V
-15
-30
¾mA
5V
VOH=4.5V
-45
-90
¾mA
IOL3
LCD Segment Sink Current
3V
VOL=0.3V
15
30
¾mA
5V
VOL=0.5V
70
150
¾mA
IOH3
LCD Segment Source Current
3V
VOH=2.7V
-6
-13
¾mA
5V
VOH=4.5V
-20
-40
¾mA
RPH
Pull-high Resistor
3V
DATA, WR,CS,RD
100
200
300
k
W
5V
50
100
150
k
W
HT1622
Rev. 1.40
4
February 6, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com