Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1664096 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1664096
Description  CUC-IA1G-J1ST-AB/R4R-P - RJ45 PCB connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664096 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1664096 Datasheet HTML 1Page - PHOENIX CONTACT 1664096 Datasheet HTML 2Page - PHOENIX CONTACT 1664096 Datasheet HTML 3Page - PHOENIX CONTACT 1664096 Datasheet HTML 4Page - PHOENIX CONTACT 1664096 Datasheet HTML 5Page - PHOENIX CONTACT 1664096 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Sn (3,048 µm min / 120 µ" min) (Metal surface soldering area
shielding (top layer))
LCP (Housing (female/insert))
Flammability rating according to UL 94
V0
Contact material
Phosphor bronze
Cable/line
Halogen-free
yes
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 750
Insertion force per signal contact
< 20.00 N
Extraction force per signal contact
< 20 N
Environmental and real-life conditions
Test specification
Specification
IEC 60603-7
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 85 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Mounting
Mounting type
THR solder connection
Processing notes
Process
Reflow soldering
Moisture Sensitive Level
MSL 1
Classification temperature Tc
260 °C
Solder cycles in the reflow
3
Packaging specifications
Dimensional drawing
Type of packaging
Tape and Reel
[W] tape width
44 mm
[W2] coil overall dimension
49 mm
[A] coil diameter
330 mm
Outer packaging type
Transparent-Bag
CUC-IA1G-J1ST-AB/R4R-P - RJ45 PCB connector
1664096
https://www.phoenixcontact.com/us/products/1664096
Jan 16, 2025, 12:51 AM
Page 3 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com