Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1664096 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1664096
Description  CUC-IA1G-J1ST-AB/R4R-P - RJ45 PCB connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1664096 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1664096 Datasheet HTML 1Page - PHOENIX CONTACT 1664096 Datasheet HTML 2Page - PHOENIX CONTACT 1664096 Datasheet HTML 3Page - PHOENIX CONTACT 1664096 Datasheet HTML 4Page - PHOENIX CONTACT 1664096 Datasheet HTML 5Page - PHOENIX CONTACT 1664096 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
RJ45 PCB connector, number of positions: 8, 1 Gbps
Your advantages
Simplified Ethernet design process thanks to integrated filtering
•
Reduced PCB complexity and reduced EMC risks
•
Automated processing thanks to reflow solderability
•
Ideal version for any application thanks to wide range of products
•
Equipped for demanding areas of application thanks to industrial design
•
Commercial data
Item number
1664096
Packing unit
90 pc
Minimum order quantity
1 pc
Product key
ABNAFA
GTIN
4067923204843
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
6.3 g
Country of origin
CN
CUC-IA1G-J1ST-AB/R4R-P - RJ45 PCB connector
1664096
https://www.phoenixcontact.com/us/products/1664096
Jan 16, 2025, 12:51 AM
Page 1 (6)


Similar Part No. - 1664096

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1664094 PHOENIX-1664094 Datasheet
455Kb / 7P
CUC-IA2G-J1ST-AB/R4R-PL1 - RJ45 PCB connector
1664097 PHOENIX-1664097 Datasheet
452Kb / 6P
CUC-IA2G-J1ST-AB/R4R-P - RJ45 PCB connector
1664099 PHOENIX-1664099 Datasheet
429Kb / 7P
CUC-IA1G-J1ST-AB/R4T-L1 - RJ45 PCB connector
More results

Similar Description - 1664096

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1091946 PHOENIX-1091946 Datasheet
86Kb / 5P
RJ45 PCB connectors - CUC-IND-J1ST-A/R4LS
09/12/2020
1091947 PHOENIX-1091947 Datasheet
87Kb / 5P
RJ45 PCB connectors - CUC-IND-J1ST-S/R4LS-LED
09/12/2020
1149848 PHOENIX-1149848 Datasheet
61Kb / 3P
RJ45 PCB connectors - CUC-MP-J1ST-A/4R4LT-LED
09/12/2020
1149855 PHOENIX-1149855 Datasheet
62Kb / 3P
RJ45 PCB connectors - CUC-MP-J1ST-A/2R4LB
09/12/2020
1149866 PHOENIX-1149866 Datasheet
60Kb / 3P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LB-LED
09/12/2020
1149868 PHOENIX-1149868 Datasheet
61Kb / 3P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LB
09/12/2020
1149870 PHOENIX-1149870 Datasheet
63Kb / 3P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LT
09/12/2020
1337240 PHOENIX-1337240 Datasheet
411Kb / 12P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LT-THR
1337243 PHOENIX-1337243 Datasheet
411Kb / 12P
RJ45 PCB connectors - CUC-SP-J1ST-A/R4LT-THRLED
1337254 PHOENIX-1337254 Datasheet
413Kb / 12P
RJ45 PCB connectors - CUC-MP-J1ST-A/2R4LT-THRLED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com