Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320C Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT9320C
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320C Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT9320C Datasheet HTML 17Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 18Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 19Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 20Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 21Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 22Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 23Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 24Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
One key redial operation
CLOCK & DOUT operating
HT9320 Series
Rev. 1.10
21
October 1, 2002
T R P
( 1 s e c )
T B R K ( 1 . 2 s e c s )
T I T P M
T I T P M
H i g h I m p e d a n c e
T I T P M
T I T P M
K E Y I N
X 2
D T M .
D 1
D 2
R
K T
T D B
T D B
T D B
P O
H K S
X M U T E
2 0 m s
N o t e : D 1 = D 3 = 3
D 2 = 2
. C L O C K = 2 . 4 k H z
D a t a
T P D P
T D B
T B
T M
H i g h I m p e d a n c e
X 2
D 1
C L O C K
D O U T
K T
T K T ( 3 4 m s )
1 . 2 k H z C a r r i e r
K E Y I N
P O
H K S
X M U T E
2 0 m s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com