Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9320C Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9320C
Description  22-Memory Tone/Pulse Dialer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9320C Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9320C Datasheet HTML 1Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 2Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 3Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 4Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 5Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 6Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 7Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 8Page - Holtek Semiconductor Inc HT9320C Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Pin Assignment
Keyboard Information
HT9320A/B/C/K/L
HT9320H
HT9320 Series
Rev. 1.10
3
October 1, 2002
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
C 7
C 6
C 5
C 4
C 3
C 2
C 1
P O
H . O
X M U T E
D T M .
H D I
H D O
V S S
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
C 7
C 6
C 5
C 4
C 3
C 2
C 1
P O
H . O
X M U T E
D T M .
H D I
H D O
V S S
C 8
D O U T
R 1
R 2
R 3
R 4
R 5
H K S
C L O C K
H . I
M O D E
X 1
X 2
V D D
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
C 7
C 6
C 5
C 4
C 3
C 2
C 1
P O
H . O
X M U T E
D T M .
H D I
H D O
V S S
C 8
K T
R 1
R 2
R 3
R 4
R 5
H K S
N C
H . I
M O D E
X 1
X 2
V D D
C 8
H S T
R 1
R 2
R 3
R 4
R 5
H K S
M / B
H . I
M O D E
X 1
X 2
V D D
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1
2
3
4
5
6
7
8
9
1 0
1 1
C 8
R 1
R 2
R 3
R 4
R 5
H K S
M O D E
X 1
X 2
V D D
C 7
C 6
C 5
C 4
C 3
C 2
C 1
P O
X M U T E
D T M .
V S S
H T 9 3 2 0 A / H
2 8 D I P - A
H T 9 3 2 0 B / L / L - X
2 8 D I P - A
H T 9 3 2 0 C
2 2 S K D I P - A
H T 9 3 2 0 K
2 8 D I P - A
C 1
C 2
C 3
C 4
C 5
C 6
R 1
R 2
R 3
R 4
R 5
C 1
C 2
C 3
C 4
C 5
C 7
C 8
C 6
R 1
R 2
R 3
R 4
R 5
·  O n e - t o u c h m e m o r y k e y b o a r d
·  T w o - t o u c h m e m o r y k e y b o a r d
·  T h r e e - t o u c h m e m o r y k e y b o a r d
R 1
R 2
R 3
R 4
R 5
C 1
C 2
C 3
C 4
P
2
5
8
0
M 1 6
M 1 7
M 1 8
M 1 9
M 2 0
M 6
M 7
M 8
M 9
M 1 0
M 1 1
M 1 2
M 1 3
M 1 4
M 1 5
M 1
M 2
M 3
M 4
M 5
3
6
9
#
S A
1
4
7
* / T
M 6 /
M 7 /
M 8 /
M 9 /
M 1 0 /
M 1 6
M 1 7
M 1 8
M 1 9
M 2 0
M 1 1
M 1 2
M 1 3
M 1 4
M 1 5
M 1 /
M 2 /
M 3 /
M 4 /
M 5 /
P
2
5
8
0
P A G E
3
6
9
#
S A
1
4
7
* / T
.
A
S T
R
.
S T
R
.
S T
R
P
2
5
8
0
P A G E
3
6
9
#
S A
1
4
7
* / T
C 1
C 2
C 3
C 4
C 5
C 6
R 1
R 2
R 3
R 4
R 5
C 1
C 2
C 3
C 4
C 5
C 7
C 8
C 6
R 1
R 2
R 3
R 4
R 5
·  O n e - t o u c h m e m o r y k e y b o a r d
·  T w o - t o u c h m e m o r y k e y b o a r d
·  T h r e e - t o u c h m e m o r y k e y b o a r d
R 1
R 2
R 3
R 4
R 5
C 1
C 2
C 3
C 4
2
5
8
0
M 1 6
M 1 7
M 1 8
M 1 9
M 2 0
M 6
M 7
M 8
M 9
M 1 0
M 1 1
M 1 2
M 1 3
M 1 4
M 1 5
M 1
M 2
M 3
M 4
M 5
3
6
9
#
S A
1
4
7
*
M 6 /
M 7 /
M 8 /
M 9 /
M 1 0 /
M 1 6
M 1 7
M 1 8
M 1 9
M 2 0
M 1 1
M 1 2
M 1 3
M 1 4
M 1 5
M 1 /
M 2 /
M 3 /
M 4 /
M 5 /
2
5
8
0
P A G E
3
6
9
#
S A
1
4
7
*
P ® T
.
A
S T
R / P
2
5
8
0
P A G E
3
6
9
#
S A
1
4
7
*
P ® T
.
A
S T
R / P
P ® T
.
S T
R / P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com