Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF211 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF211 Datasheet HTML 5Page - Micrel Semiconductor MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor MICRF211 Datasheet HTML 10Page - Micrel Semiconductor MICRF211 Datasheet HTML 11Page - Micrel Semiconductor MICRF211 Datasheet HTML 12Page - Micrel Semiconductor MICRF211 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel
MICRF211
March 2007
9
M9999-030107
(408) 944-0800
Freq (MHz)
C3 (pF)
L2(nH)
Z device (
Ω)
390.0
1.5
47
22.5 – j198.5
418.0
1.5
43
21.4 – j186.1
433.92
1.5
39
18.6 – j174.2
Table 4: matching values for the most used frequencies
For the frequency of 433.92MHz, the input impedance
is Z = 18.6 – j174.2
Ω, then the matching components
are calculated by,
Equivalent parallel = B = 1/Z = 0.606 + j5.68 msiemens
Rp = 1 / Re (B);
Xp = 1 / Im (B)
Rp = 1.65k
Ω;
Xp = 176.2
Ω
Q = SQRT (Rp/50 + 1)
Q = 5.831
Xm = Rp / Q
Xm = 282.98
Ω
Resonance Method For L-shape Matching Network
Lc = Xp / (2×Pi×f);
Lp = Xm / (2×Pi×f)
L2 = (Lc×Lp) / (Lc + Lp);
C3 = 1 / (2×Pi×f×Xm)
L2 = 39.8nH
C3 = 1.3pF
Doing the same calculation example with the Smith
Chart, it would appear as follows,
First, we plot the input impedance of the device,
(Z = 18.6 – j174.2)
Ω @ 433.92MHz.(Figure 4).
Figure 4: device’s input impedance, Z = 18.6 – j174.2
Ω
Second, we plot the shunt inductor (39nH) and the
series
capacitor
(1.5pF)
for
the
desired
input
impedance (Figure 5). We can see the matching
leading to the center of the Smith Chart or close to
50
Ω.
Figure 5. Plotting the Shunt Inductor and Series
Capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com