Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF211 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF211
Description  3V, QwikRadio짰 433.92 MHz Receiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF211 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF211 Datasheet HTML 1Page - Micrel Semiconductor MICRF211 Datasheet HTML 2Page - Micrel Semiconductor MICRF211 Datasheet HTML 3Page - Micrel Semiconductor MICRF211 Datasheet HTML 4Page - Micrel Semiconductor MICRF211 Datasheet HTML 5Page - Micrel Semiconductor MICRF211 Datasheet HTML 6Page - Micrel Semiconductor MICRF211 Datasheet HTML 7Page - Micrel Semiconductor MICRF211 Datasheet HTML 8Page - Micrel Semiconductor MICRF211 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel
MICRF211
March 2007
3
M9999-030107
(408) 944-0800
Absolute Maximum Ratings
(1)
Supply Voltage (VDD) .................................................+5V
Input Voltage .............................................................+5V
Junction Temperature ......................................... +150ºC
Lead Temperature (soldering, 10sec.) .................. 260°C
Storage Temperature (TS) .....................-65ºC to +150°C
Maximum Receiver Input Power ........................+10dBm
ESD Rating
(3) .................................................. 2KV CDM
...................................................200V HBM
................................ 100V Machine Model
Operating Ratings
(2)
Supply voltage (VDD) ..............................+3.0V to +3.6V
Ambient Temperature (TA) ................. –40°C to +105°C
Input Voltage (VIN)........................................ 3.6V (Max)
Maximum Input RF Power................................ –20dBm
Electrical Characteristics
(4)
Specifications apply for 3.0V < VDD < 3.6V, VSS = 0V, CAGC = 4.7µF, CTH = 0.1µF, fRX = 433.92 MHz, unless otherwise
noted. Bold values indicate –40°C – TA – 105°C. 1kbps data rate (Manchester encoded), reference oscillator
frequency = 13.52127MHz.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ISS
Operating Supply
Current
Continuous Operation, fRX = 433.92MHz
6.0
mA
ISHUT
Shut down Current
0.5
µA
RF/IF Section
Image Rejection
20
dB
1
st IF Center
Frequency
fRX = 433.92MHz
1.2
MHz
Receiver Sensitivity @
1kbps
fRX = 433.92MHz (matched to 50 Ω)
BER=10
-2
-110
dBm
IF Bandwidth
fRX = 433.92MHz
330
kHz
Antenna Input
Impedance
fRX = 433.92MHz
19 –
j174
Ω
Receive Modulation
Duty Cycle
Note 5
20
80
%
AGC Attack / Decay
Ratio
tATTACK / tDECAY
0.1
AGC pin leakage
current
TA = 25ºC
TA = +105ºC
± 2
± 800
nA
nA
RFIN @ -40dBm
1.15
V
AGC Dynamic Range
RFIN @ -100dBm
1.70
V
Reference Oscillator
Reference Oscillator
Frequency
fRX = 433.92 MHz
Crystal Load Cap = 10pF
13.52127
MHz
Reference Oscillator
Input Impedance
300
k
Ω
Reference Oscillator
Input Range
0.2
1.5
Vp-p
Reference Oscillator
Source Current
V(REFOSC) = 0V
3.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com