Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100DC6E Datasheet(PDF) 12 Page - STMicroelectronics

Part # STVM100DC6E
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100DC6E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STVM100DC6E Datasheet HTML 8Page - STMicroelectronics STVM100DC6E Datasheet HTML 9Page - STMicroelectronics STVM100DC6E Datasheet HTML 10Page - STMicroelectronics STVM100DC6E Datasheet HTML 11Page - STMicroelectronics STVM100DC6E Datasheet HTML 12Page - STMicroelectronics STVM100DC6E Datasheet HTML 13Page - STMicroelectronics STVM100DC6E Datasheet HTML 14Page - STMicroelectronics STVM100DC6E Datasheet HTML 15Page - STMicroelectronics STVM100DC6E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Application information
STVM100
12/27
If the user-selected value is 0 (zero scale), the minimum current is sunk. The maximum
VCOM value is obtained in Equation 3.
Equation 3
If the user-selected value is 127 (full scale), the maximum current is sunk and the minimum
VCOM value is obtained in Equation 4.
Equation 4
During operation, the VCOM(max) and VCOM(min) range is set, based on different TFT-LCD
processes.The R1 value is given based on the acceptable power loss from the AVDD supply
rail. Using Equation 3 and Equation 4, the R2 and RSET values can be calculated. If RSET is
put into Equation 1 on page 11 and maximum IOUT ≥ 120µA, then R1 should be increased.
V
COM max
()
R
2
R
1
R
2
+
-------------------- AV
DD 1
1
128
----------
R
1
20 R
SET
()
--------------------------
⋅
–
⎝⎠
⎛⎞
⋅
=
V
COM min
()
R
2
R
1
R
2
+
-------------------- AV
DD 1
R
1
20 R
SET
()
--------------------------
–
⎝⎠
⎛⎞
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com