Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STVM100DC6E Datasheet(PDF) 5 Page - STMicroelectronics

Part # STVM100DC6E
Description  I2C LCD VCOM calibrator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STVM100DC6E Datasheet(HTML) 5 Page - STMicroelectronics

  STVM100DC6E Datasheet HTML 1Page - STMicroelectronics STVM100DC6E Datasheet HTML 2Page - STMicroelectronics STVM100DC6E Datasheet HTML 3Page - STMicroelectronics STVM100DC6E Datasheet HTML 4Page - STMicroelectronics STVM100DC6E Datasheet HTML 5Page - STMicroelectronics STVM100DC6E Datasheet HTML 6Page - STMicroelectronics STVM100DC6E Datasheet HTML 7Page - STMicroelectronics STVM100DC6E Datasheet HTML 8Page - STMicroelectronics STVM100DC6E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
STVM100
Device overview
5/27
1
Device overview
Figure 1.
Logic diagram
Table 2.
Pin names and functions
Name
Type
Function
OUT
Analog
Adjustable sink current output pin. (1)
See Section 3: Application information on page 11.
1.
See SET pin function in this table for the maximum adjustable sink current setting.
AVDD
Supply
High-voltage analog supply.
Bypass to GND with a 0.1µF capacitor.
WP
Input
WRITE protectection.
Active-low. To enable write operations to the DAC or to the EEPROM
writing, connect to 0.7VDD or greater. Internally pulled down by a 130kΩ
resistor.
GND
Supply ground.
VDD
Supply
System power supply input.
Bypass to GND with a 0.1µF capacitor.
SDA
In/Out
I2C serial data input/output.
SCL
Input
I2C serial clock input.
SET
Analog
Maximum sink current adjustment point.
Connect a resistor from SET to GND to set the maximum adjustable sink
current of the OUT pin. The maximum adjustable sink current is equal to
AVDD /20 divided by RSET (see Figure 4 on page 6).
AI12272
SDA
VDD
STVM100
GND
SCL
WP
AVDD
OUT
SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com