Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD41 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CD41
Description  POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD41 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CD41 Datasheet HTML 1Page - Powerex Power Semiconductors CD41 Datasheet HTML 2Page - Powerex Power Semiconductors CD41 Datasheet HTML 3Page - Powerex Power Semiconductors CD41 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
100 Amperes / Up to 1600 Volts
Revision Date: 01/26/2002
CD41__99A, CS41__99A
CN41__99A, CC41__99A
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Reverse Blocking Voltage
VRRM
up to 1600
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
DC Conduction, TC=90°C
IF(RMS)
157
A
Average Forward Current
180° Conduction, TC=100°C
IF(AV)
100
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ = 150°C
60 Hz, No VRRM reapplied, TJ = 150°C
50 Hz, 100% VRRM reapplied, TJ = 150°C
50 Hz, No VRRM reapplied, TJ = 150°C
IFSM
IFSM
IFSM
IFSM
1,780
2,110
1,700
2,020
A
A
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ = 150°C
50 Hz, 100% VRRM reapplied, TJ = 150°C
IFSM
IFSM
1,310
1,250
A
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, TJ = 150°C
50 Hz, 100% VRRM reapplied, TJ = 150°C
IFSM
IFSM
940
900
A
A
I
2t for Fusing for One Cycle
8.3 ms, 100% VRRM reapplied, TJ = 150°C
8.3 ms, No VRRM reapplied, TJ = 150°C
10 ms, 100% VRRM reapplied, TJ = 150°C
10 ms, No VRRM reapplied, TJ = 150°C
I
2t
I
2t
I
2t
I
2t
13,190
18,650
14,450
20,430
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Operating Temperature
TJ
-40 to +150
°C
Storage Temperature
Tstg
-40 to +150
°C
Max. Mounting Torque, M6 Mounting Screw on
Terminals
25
3
in. – Lb.
Nm
Max. Mounting Torque, Module to Heatsink
44
5
in. – Lb.
Nm
Module Weight, Typical
110
g
3.88
Oz
V Isolation @ 25C
Circuit To Base, All Terminals Shorted Together
50-60 Hz, 1 second
Vrms
3500
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com