Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD41 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD41
Description  POW-R-BLOK Dual & Single Diode Isolated Module 100 Amperes / Up to 1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD41 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD41 Datasheet HTML 1Page - Powerex Power Semiconductors CD41 Datasheet HTML 2Page - Powerex Power Semiconductors CD41 Datasheet HTML 3Page - Powerex Power Semiconductors CD41 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual & Single Diode Isolated Module
100 Amperes / Up to 1600 Volts
Revision Date: 01/26/2002
CD41__99A, CS41__99A
CN41__99A, CC41__99A
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=150°C
10
mA
Peak On-State Voltage
VFM
TJ=25°C, IFM=315A, 180° Conduction
1.45
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(FO)1
rT1
TJ = 150°C, I = 16.7% x
πIF(AV) to πIF(AV)
0.79
1.78
V
mΩ
Threshold Voltage, High-level
Slope Resistance, High-level
V(FO)2
rT2
TJ = 150°C, I =
πIF(AV) to IFSM
0.87
1.57
V
mΩ
VTM Coefficients, Full Range
TJ = 150°C, I = 15%IF(AV) to IFSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
7.72E-01
1.22E-02
1.57E-03
-2.76E-05
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.175
0.35
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/
τ1))
+ K2 (1-exp(-t/
τ2))
+ K3 (1-exp(-t/
τ3))
+ K4 (1-exp(-t/
τ4))
K1 = 9.82 E+1
K2 = -1.11 E+2
K3 = 1.32 E+1
K4 = 2.72 E-1
τ1 = 4.60 E-3
τ2 = 4.65 E-3
τ3 = 5.05 E-3
τ4 = 0.1398
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.1
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com