Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2418 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2418
Description  Triple 30 MHz CRT Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2418 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2418 Datasheet HTML 1Page - National Semiconductor (TI) LM2418 Datasheet HTML 2Page - National Semiconductor (TI) LM2418 Datasheet HTML 3Page - National Semiconductor (TI) LM2418 Datasheet HTML 4Page - National Semiconductor (TI) LM2418 Datasheet HTML 5Page - National Semiconductor (TI) LM2418 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLK11125
January 1995
LM2418 Triple 30 MHz CRT Driver
General Description
The LM2418 contains three large signal voltage amplifiers
designed to directly drive CRT cathodes for VGA Color
Graphics Displays Output swings greater than 50 VPP are
achieved with a 90V power supply The nominal voltage
gain of each amplifier is b19 with gain matching of 10 dB
between amplifiers
Packaging is the industry standard molded 11 lead TO-220
The heatsink tab is isolated and may be grounded to im-
prove RFI shielding and simplify assembly
Features
Y
50 Vpp output at 30 MHz drives CRT directly
Y
Risefall time typically 12 ns with 8 pF load
Y
65V output swing capability
Y
Optimized output stage for low crossover distortion
Y
Gain matching of 1 dB
Y
Voltage gain of b19
Y
Includes oscillation supression resistors
Applications
Y
CRT driver for RGB monitors
Y
High voltage amplifiers
Schematic and Connection Diagram
(One Section)
TLK11125 – 1
FIGURE 1
TLK11125 – 2
Top View
Order Number LM2418T
See NS Package Number TA11B
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2418

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LM241 SEOUL-LM241 Datasheet
376Kb / 14P
INFRARED LAMP LED
LM241 SEOUL-LM241 Datasheet
360Kb / 13P
CYAN LAMP LED
LM241 SEOUL-LM241 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM241 SEOUL-LM241 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LM241 SEOUL-LM241 Datasheet
378Kb / 14P
RED LAMP LED
More results

Similar Description - LM2418

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2419 NSC-LM2419 Datasheet
161Kb / 8P
Triple 65 MHz CRT Driver
LM2427 NSC-LM2427 Datasheet
117Kb / 6P
Triple 80 MHz CRT Driver
logo
Calogic, LLC
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
Triple CRT Driver
logo
National Semiconductor ...
LM2416 NSC-LM2416 Datasheet
214Kb / 4P
Triple 50 MHz CRT Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LH2426 NSC-LH2426 Datasheet
100Kb / 4P
Triple 80 MHz CRT Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com