Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N0807E Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N0807E
Description  N-Channel MOSFET Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N0807E Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N0807E Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N0807E
eq IPP80N08S2L-07
N-Channel MOSFET Transistor
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID=1.0mA
75
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 75V; VGS= 0V
--
--
1.0
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
--
--
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID= 0.25mA
1.2
--
2.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 4.5V; ID= 80A
--
--
9
mΩ
VGS= 10V; ID= 80A
--
--
7.1
mΩ
Ciss
Input Capacitance
VGS = 0V,
VDS = 25V,
f = 1.0MHz
--
5579
--
pF
Coss
Output Capacitance
--
895
--
Crss
Reverse Transfer Capacitance
--
87
--
Qg
Total Gate Charge
VDD =64V,
ID = 50A,
VGS = 10V
--
372
--
nC
Qgs
Gate-Source Charge
--
63
--
Qgd
Gate-Drain Charge
--
83
--
td(on)
Turn-on Delay Time
VDD = 40V,
ID = 50A,
RG = 5Ω
--
34
--
ns
tr
Turn-on Rise Time
--
97
--
td(off)
Turn-off Delay Time
--
295
--
tf
Turn-off Fall Time
--
52
--
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
TC=25℃
--
--
80
A
ISM
Pulsed Source Current
--
--
320
VSD
Forward On-Voltage
IF= 80A; VGS= 0V
--
--
1.3
V
trr
Reverse Recovery Time
VR =40V, IF =50A,
diF/dt = 100A /μs
--
50
--
us
Qrr
Reverse Recovery Charge
--
0.10
--
uC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com