Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N0807E Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N0807E
Description  N-Channel MOSFET Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N0807E Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N0807E Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 4Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 5Page - Inchange Semiconductor Company Limited 2N0807E Datasheet HTML 6Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N0807E
eq IPP80N08S2L-07
N-Channel MOSFET Transistor
www.iscsemi.com
1
FEATURES
· Drain Current -ID= 80A@ TC=25℃
· Drain Source Voltage -VDSS= 75V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 7.1mΩ(Max)@VGS= 10V
DESCRIPTION
· Motor drive, DC-DC converter, power switch
and solenoid drive.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
75
V
VGS
Gate-Source Voltage-Continuous
±
20
V
ID
Drain Current-Continuous
80
A
IDM
Drain Current-Single Pulse
320
A
PD
Total Dissipation @TC=25℃
300
W
TJ
Max. Operating Junction Temperature
175
℃
Tstg
Storage Temperature
-55~175
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.5
℃
/W
3
2
1
TO-220C Package


Similar Part No. - 2N0807E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N0807 ISC-2N0807 Datasheet
366Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2N0807E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com