Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81NT1AA Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # S81NT1AA
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81NT1AA Datasheet(HTML) 3 Page - Ashcroft, Inc.

  S81NT1AA Datasheet HTML 1Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 2Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 3Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 4Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
Cont. on
next page
ORDERING CODE
Example:
S81
1
T
1
A
A
B
A
7
2
Area Classification
1 - Standard -General Purpose
1
3 - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased Safety
N - Non-Incendive
Sheath Diameter
R - 1⁄8˝ Ø3.18 mm
S - 3⁄16˝ Ø4.76 mm
T - ¼˝ Ø6.35 mm
T
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
RTD Type
1 - Pt 100
1
2 - Ni 120
3 - Pt 1000
Accuracy or Class (IEC 60751)
A -
Class A
A
B -
Class B
C - ½ DIN
D -
Class AA - 1⁄3 DIN
RTD Element/Range
A -
-50 to 400 °C
A
B -
-200 to 600 °C
D - Vibration-proof
Electrical Circuit
A - Single 2-wire
B - Single 3-wire
B
C - Single 4-wire
D - Dual 2-wire
E - Dual 3-wire
F - Dual 4-wire
Sheath Material
A - AISI 316/1.4404
A
Wire Termination
7 - Stripped
7
8 - With flat pin
9 - With round pin
F - With plug LEMO type FFA.1S
P - With socket LEMO type PCA.1S
D - With plug and socket LEMO on inset
Connector Strain Relief
- - Non-applicable (no connector)
1 - Crimp - Braze adapter (for use with flex armor and no wire options)
2 - Grommet - for regular wire option, with no flex armor
2
3 - Bracket - for regular wire option, with no flex armor
S81 RTD Temperature Probes
of 5
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com