Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81NT1AA Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # S81NT1AA
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81NT1AA Datasheet(HTML) 5 Page - Ashcroft, Inc.

  S81NT1AA Datasheet HTML 1Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 2Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 3Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 4Page - Ashcroft, Inc. S81NT1AA Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
d
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
HOW TO ORDER S81
TEMPERATURE PROBES:
The ordering code is built by selecting
the appropriate configuration for the
various sections of the ordering code.
The insert nominal length L is measured
from top of the cable transition piece or
center of threads to the tip of the probe.
The lead wire length LC is measured
for the base of the lead wire transition
piece to the end of the lead wire jacket.
The L length and the LC length are
added to the end of the ordering code
in millimeters.
To convert inches to millimeters
multiply by 25.4.
mm = inches x 25.4
Custom configurations are available.
d = Stem diameter
LC = Length lead wire
L = Insertion length
* 50 mm with FM approval
*
*
S81 RTD Temperature Probes
of 5
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com