Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6006LS2TP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # S6006LS2TP
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S6006LS2TP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  S6006LS2TP Datasheet HTML 1Page - Inchange Semiconductor Company Limited S6006LS2TP Datasheet HTML 2Page - Inchange Semiconductor Company Limited S6006LS2TP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc Thyristors
S6006LS2TP
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
IRRM
Repetitive peak reverse
current
VRRM=600V, Tj=125℃
-
-
0.5
mA
VRRM=600V, Tj=25℃
-
-
10
uA
IDRM
Repetitive peak off-state
current
VDRM=600V, Tj=125℃
-
-
0.5
mA
VDRM=600V, Tj=25℃
-
-
10
uA
VTM
On-state voltage
ITM= 12A
-
-
1.6
V
IGT
Gate-trigger current
VD=12V; RL=60Ω
-
-
15
mA
VGT
Gate-trigger voltage
VD=12V; RL=60Ω
-
-
1.5
V
IH
Holding current
IT=0.2A
-
-
30
mA
Rth(j-c)
Thermal resistance junction to
mounting base
in free air
-
4.3
-
℃
/W
PACKAGE OUTLINE(Dimensions in mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com