Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6006LS2TP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S6006LS2TP
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S6006LS2TP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S6006LS2TP Datasheet HTML 1Page - Inchange Semiconductor Company Limited S6006LS2TP Datasheet HTML 2Page - Inchange Semiconductor Company Limited S6006LS2TP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
S6006LS2TP
www.iscsemi.com
1
APPLICATIONS
· Mesa glass passivation technology
· Have high blocking voltage and high temperature stability cleaner
· Electric tools such as motor speed controller
· Solid state relay
· Heating controller (temperature)
· Other phase control circuit
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
On-state current Tc=80℃
3.8
A
IT(RMS)
RMS on-state current Tc= 110℃
6
A
ITSM
Surge non-repetitive on-state current,
single half cycle; f = 50Hz;TJ (initial) = 25°C
83
A
PG(AV)
Average gate power,TJ=110℃
0.1
W
di/dt
Repetitive rate of rise of on-state current after
triggering f = 60Hz; TJ = 110°C
100
A/us
I2t
I2t for fusing, tp = 8.3 ms
41
A2S
IGM
Peak gate current TJ=110℃
1
A
TJ
Operating Junction temperature
-40 ~+110
℃
Tstg
Storage temperature
-40 ~+150
℃


Similar Part No. - S6006LS2TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6006LS2 LITTELFUSE-S6006LS2 Datasheet
199Kb / 12P
Sensitive SCRs (0.8 A to 10 A)
S6006LS2 LITTELFUSE-S6006LS2 Datasheet
205Kb / 12P
Sensitive SCRs
logo
List of Unclassifed Man...
S6006LS2 ETC2-S6006LS2 Datasheet
205Kb / 12P
RoHS Compliant
More results

Similar Description - S6006LS2TP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com