Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913SCA1 Datasheet(PDF) 14 Page - STMicroelectronics

Part # RHFL4913SCA1
Description  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA1 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button RHFL4913SCA1 Datasheet HTML 8Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 9Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 10Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 11Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 12Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 13Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 14Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 15Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Order code
RHFL4913 ADJUSTABLE VERSION
14/16
8
Order code
Table 5.
Order code
DIE
FLAT-16
SMD5C
Terminal
finish
Out.
volt.
Q.TY LEVEL
RHFL4913KPA-01V
RHFL4913SCA-01V
GOLD
ADJ
QML-V
RHFL4913KPA-02V
SOLDER
ADJ
QML-V
RHFL4913KPA1
RHFL4913SCA1
GOLD
ADJ
EM1
RHFL4913KPA2
RHFL4913SCA2
GOLD
ADJ
EM2=EM1+48hours B.I.
L4913ADIE2V
ADJ
QML-V die
L4913ADIES
ADJ
EM1 die
Table 6.
Part number - SMD Equivalence
ST PART NUMBER
SMD PART NUMBER
RHFL4913KPA-01V
5962F0252401VXC
RHFL4913KPA-02V
5962F0252401VXA
L4913ADIE2V
5962F0252401V9A
Table 7.
Environmental characteristics
Parameter
Conditions
Value
Unit
Output Voltage thermal drift
-55°C to +125°C
40
ppm/°C
Output Voltage radiation drift
From 0 kRad to 300k Rad at 0.55rad/sec
8
ppm/kRad
Output Voltage radiation drift
From 0 kRad to 300 kRad, MIL1019.5
6
ppm/kRad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com