Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL4913SCA1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL4913SCA1
Description  Rad-Hard Adjustable positive voltage regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL4913SCA1 Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL4913SCA1 Datasheet HTML 1Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 2Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 3Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 4Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 5Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 6Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 7Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 8Page - STMicroelectronics RHFL4913SCA1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
RHFL4913 ADJUSTABLE VERSION
Electrical characteristics
5/16
3
Electrical characteristics
Table 4.
Electrical characteristics
(TJ = 25°C, VI = VO+2.5V, CI = CO = 1µF, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage IO = 1A, TJ= -55 to 125°C
312
V
VO
Operating output
voltage
IO = 1A and or 2, VO = 1.23 V
1.19
1.27
V
IO = 1A and or 2, VO = 9 V
8.7
9.3
V
ISHORT
Output current limit (1)
Adjustable by mask/external resistor
1
4.5
A
∆VO/∆VI Line regulation
VI = VO+2.5V to 12 V, IO = 5mA, TJ=+25°C
0.35
%
VI = VO+2.5V to 12 V, IO = 5mA, TJ=-55°C
0.4
VI = VO+2.5V to 12 V, IO = 5mA,
TJ=+125°C
0.4
∆VO/∆VO Load regulation
VI = VO+2.5V, IO = 5 to 400 mA, TJ=+25°C
0.3
%
VI = VO+2.5V, IO = 5 to 400 mA, TJ=-55°C
0.5
VI = VO+2.5V, IO = 5 to 400 mA,
TJ=+125°C
0.5
VI = VO+2.5V, IO = 5mA to 1A, TJ=+25°C
0.5
VI = VO+2.5V, IO = 5mA to 1A, TJ=-55°C
0.6
VI = VO+2.5V, IO = 5mA to 1A, TJ=+125°C
0.6
ZOUT
Output impedance
IO = 100 mA DC and 20 mA rms
100
m
Ω
Iq
Quiescent current
VI = VO+2.5V, IO = 5mA, On Mode (+25°C)
6
mA
VI = VO+2.5V, IO = 30mA, On Mode
(+25°C)
8
VI = VO+2.5V, IO = 300mA, On Mode
(+25°C)
25
VI = VO+2.5V, IO = 1A, On Mode (+25°C)
60
VI = VO+2V, VINH = 2.4VOff Mode
1
Iq
Quiescent current
ON MODE
VI = VO+2.5V, IO = 30mA, (-55°C)
14
mA
VI = VO+2.5V, IO = 300mA, (-55°C)
40
VI = VO+2.5V, IO = 1A, (-55°C)
100
VI = VO+2.5V, IO = 30mA, (+125°C)
8
VI = VO+2.5V, IO = 300mA, (+125°C)
20
VI = VO+2.5V, IO = 1A, (+125°C)
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com