Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4290 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # CD4290
Description  POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4290 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  CD4290 Datasheet HTML 1Page - Powerex Power Semiconductors CD4290 Datasheet HTML 2Page - Powerex Power Semiconductors CD4290 Datasheet HTML 3Page - Powerex Power Semiconductors CD4290 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
90 Amperes / Up to 1600 Volts
Revision Date: 11/1/2001
CD42__90
CD47__90
Absolute Maximum Ratings
Characteristics
Conditions
Symbol
Units
Repetitive Peak Forward and Reverse Blocking
Voltage
VDRM & VRRM
up to 1600
V
Non-Repetitive Peak Reverse Blocking Voltage
(t < 5 msec)
VRSM
VRRM + 100
V
RMS Forward Current
180° Conduction, TC=87°C
180° Conduction, TC=87°C (AC Switch)
IT(RMS)
IT(RMS)
140
200
A
A
Average Forward Current
180° Conduction, TC=87°C
IT(AV)
90
A
Peak One Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, Tj=125°C
60 Hz, No VRRM reapplied, Tj=125°C
60 Hz, No VRRM reapplied, Tj=25°C
50 Hz, 100% VRRM reapplied, Tj=125°C
50 Hz, No VRRM reapplied, Tj=125°C
50 Hz, No VRRM reapplied, Tj=25°C
ITSM
ITSM
ITSM
ITSM
ITSM
ITSM
1570
1870
2100
1500
1785
2000
A
A
A
A
A
A
Peak Three Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, Tj=125°C
50 Hz, 100% VRRM reapplied, Tj=125°C
ITSM
ITSM
1210
1155
A
A
Peak Ten Cycle Surge Current, Non-Repetitive
60 Hz, 100% VRRM reapplied, Tj=125°C
50 Hz, 100% VRRM reapplied, Tj=125°C
ITSM
ITSM
960
940
A
A
I
2t for Fusing for One Cycle, 8.3 milliseconds
8.3 ms, 100% VRRM reapplied, Tj=125°C
8.3 ms, No VRRM reapplied, Tj=125°C
8.3 ms, No VRRM reapplied, Tj=25°C
10 ms, 100% VRRM reapplied, Tj=125°C
10 ms, No VRRM reapplied, Tj=125°C
10 ms, No VRRM reapplied, Tj=25°C
I
2t
I
2t
I
2t
I
2t
I
2t
I
2t
10,270
14,520
18,300
11,250
15,910
20,000
A
2 sec
A
2 sec
A
2 sec
A
2 sec
A
2 sec
A
2 sec
Maximum Rate-of-Rise of On-State Current,
(Non-Repetitive)
Tj=25°C, IG=0.5 A,
VD=0.67 VDRM (Rated), ITM=300A ,
Tr < 0.5µs, tp > 6µs
di/dt
150
A/µs
Peak Gate Power Dissipation
Tp < 5 ms, Tj = 125°C
PGM
12
W
Average Gate Power Dissipation
F = 50 Hz, Tj = 125°C
PG(AV)
3
W
Peak Forward Gate Current
Tp < 5 ms, Tj = 125°C
IGFM
3
A
Peak Reverse Gate Voltage
Tp < 5 ms, Tj = 125°C
VGRM
10
V
Operating Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +125
°C
Max. Mounting Torque, M5 Mounting Screw on
Terminals
25
3
in.-Lb.
Nm
Max. Mounting Torque, Module to Heatsink
44
5
in.-Lb.
Nm
Module Weight, Typical
83
g
3
oz.
V Isolation @ 25C
Circuit to base, all terminals shorted together
50 – 60 Hz, 1 minute
50 – 60 Hz, 1 second
Vrms
Vrms
2500
3500
V
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com