Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4290 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CD4290
Description  POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CD4290 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CD4290 Datasheet HTML 1Page - Powerex Power Semiconductors CD4290 Datasheet HTML 2Page - Powerex Power Semiconductors CD4290 Datasheet HTML 3Page - Powerex Power Semiconductors CD4290 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
Dual SCR/Diode Isolated Module
90 Amperes / Up to 1600 Volts
Revision Date: 11/1/2001
CD42__90
CD47__90
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Forward Leakage Current
IDRM
Up to 1600V, TJ=125°C
15
mA
Repetitive Peak Reverse Leakage Current
IRRM
Up to 1600V, TJ=125°C
15
mA
Peak On-State Voltage
V TM / VFM
ITM / IFM =300A
1.58
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 16.7% x
πIT(AV) to πIT(AV)
0.80
2.40
V
m
Ω
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125°C, I =
πIT(AV) to ITSM
0.85
2.25
V
m
Ω
VTM Coefficients, Full Range
TJ = 125°C, I = 15% x IT(AV) to ITSM
VTM = A+ B Ln I +C I + D Sqrt I
A =
B =
C =
D =
0.7160
2.17E-02
2.20E-03
1.58E-03
Minimum dV/dt
dV/dt
Linear to 2/3 VDRM
Tj=125°C, Gate Open Circuit
500
V/µs
Turn-Off Time (Typical)
t off
TJ = 25°C, IT = 2A
Vr = 50V, -dI/dt=10 A/µs
Re-Applied dV/dt = 200 V/µs,
Linear to 900 V
40 - 100
(Typical)
µs
Gate Trigger Current
IGT
Tj= -40°C, VD=6V, Resistive Load
Tj= 25°C, VD=6V, Resistive Load
Tj=125°C, VD=6V, Resistive Load
270
150
80
mA
mA
mA
Gate Trigger Voltage
VGT
Tj= -40°C, VD=6V, Resistive Load
Tj= 25°C, VD=6V, Resistive Load
Tj=125°C, VD=6V, Resistive Load
4.0
2.5
1.7
Volts
Volts
Volts
Non-Triggering Gate Voltage
VGDM
Tj=125°C, VD=VDRM
0.25
Volts
Non-Triggering Gate Current
IGDM
Tj=125°C, VD=VDRM
6
mA
Holding Current
I H
VD=6V, Resistive Load, Gate Open
200
mA
Latching Current
I L
VD=6V, Resistive Load
400
mA
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Module, both conducting
Per Junction, both conducting
0.135
0.270
°C/W
°C/W
Thermal Impedance Coefficients
ZΘJ-C
ZΘJ-C= K1 (1-exp(-t/
τ1))
+ K2 (1-exp(-t/
τ2))
+ K3 (1-exp(-t/
τ3))
+ K4 (1-exp(-t/
τ4))
K1 = 6.48 E-3
K2 = 6.02 E-2
K3 = 1.64 E-1
K4 = 3.94 E-2
τ1 = 5.80 E-4
τ2 = 1.70 E-2
τ3 = 9.54 E-2
τ4 = 3.53 E-1
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.1
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com