Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70STKSS Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # S70STKSS
Description  S70 Tube Skin Thermocouples
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S70STKSS Datasheet(HTML) 4 Page - Ashcroft, Inc.

  S70STKSS Datasheet HTML 1Page - Ashcroft, Inc. S70STKSS Datasheet HTML 2Page - Ashcroft, Inc. S70STKSS Datasheet HTML 3Page - Ashcroft, Inc. S70STKSS Datasheet HTML 4Page - Ashcroft, Inc. S70STKSS Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S70 TC ORDERING CODE Example: (Cont'd )
X
B
-
H7 R3
-
-
3P
T
B=200
LN=400
Nominal Length
X - LN=... (add actual length LN=?? at the end of code)
X
Distance B
- - Distance B (add actual B length B=?? at the end of ordering code)
B - To the 3 turns ø100 B= ... (min=200, max=45000)
B
- - Straight, without turns
Fixing Clamp
- - No Clamp
K - 1 clamp
K
L - 2 clamps
M - 3 clamps
Lag Extension
4- - Without, with plug ATX
H6 - Nipple AISI 316, N=40
H6
H7 - Nipple AISI 316, N=100
J7 - Nipple-Union-Nipple AISI 316, N=120
Process Connection
R3 - Thread ½ NPT
R3
R4 - Thread ¾ NPT
VZ - Thread 1½ NPT
H1 - Flange ANSI 1˝ 150 lbs #RF
H2 - Flange ANSI 1˝ 300 lbs #RF
H3 -Flange ANSI 1˝ 600 lbs #RF
J1 - Flange ANSI 1½˝ 150 lbs #RF
J2 - Flange ANSI 1½˝ 300 lbs #RF
J3 - Flange ANSI 1½˝ 600 lbs #RF
L1 - Flange ANSI 2˝ 150 lbs #RF
L3 - Flange ANSI 2˝ 300 lbs #RF
L6 - Flange ANSI 2˝ 600 lbs #RF
-- - Without connection
Electrical Connections
- - With terminal block
-
1 - With transmitter Not available with FM IS or NI approvals
3 - Without terminal block, with flying leads
Certifications
- - None required
-
F - FM
A - ATEX
X - IECEx
S - SIL 2 + ATEX
I - INMETRO
D - ATEX + IECEX
2 - SIL 2
P - EAC (Gost R) + Metrological Russia
Calibration Report
-- - None
3P - 3 points
3P
5P - 5 points
3D - 3 points
5D - 5 points
Tagging
- Without
T - Label in stainless steel with tag
T
Consult factory for other configurations
Nominal
length in
mm
Length
in mm
mm = inches x 25.4
Data Sheet
S70 Tube Skin Thermocouples
of 5
4
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S70_Thermo_ds_RevA_03-22-22
ashcroft.com
info@ashcroft.com
1.800.328.8258



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com