Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S70STKSS Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # S70STKSS
Description  S70 Tube Skin Thermocouples
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S70STKSS Datasheet(HTML) 1 Page - Ashcroft, Inc.

  S70STKSS Datasheet HTML 1Page - Ashcroft, Inc. S70STKSS Datasheet HTML 2Page - Ashcroft, Inc. S70STKSS Datasheet HTML 3Page - Ashcroft, Inc. S70STKSS Datasheet HTML 4Page - Ashcroft, Inc. S70STKSS Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATIONS
Ashcroft Series:
S70
Sheath Diameter:
¼˝, 3⁄8˝, ½˝, 6 mm, 8 mm
Stem Length:
Minimum: 200 mm/8 in
Maximum: 45 m/150 ft
Sensor Type &
Measuring Range
Thermocouples
Type J –40 to +750°C
Type K –200 to +1000°C
Type N –200 to +1000°C
Wiring Configuration:
Thermocouples
2 Wire
Accuracy Class
ANSI MC 96 1
Standard
Special
IEC 60584
Class 1
Class 2
Class 3
KEY BENEFITS
• Flexible designs to work in most applications.
• Available with head mounted transmitters.
DESCRIPTION
The Ashcroft S70 temperature sensor assemblies
provide accurate temperature measurements
for applications that are located in hazardous
environments. Each temperature sensor assembly
consists of a temperature sensor, magnesium oxide,
MgO, insulated insert, connection head and lag
extension. The assembly may also include an optional
terminal block for wiring and/or transmitters.
Thermocouple assemblies are manufactured to either
to IEC 60584-2 or ANSI MC 96.1.
TYPICAL USES
n Wall temperature measurements for reactor
vessels in chemical and petrochemical
processes.
n Surface temperature measurements for steam
lines in power generation processes.
n Process tube wall measurement fixed furnace
heading. Special designs for intrinsically safe,
non-incendive and explosion proof application.
(1) Absolute temperature in °C
Thermocouples (IEC 60584-2)
Type J
Type K
Type N
Class 1
±1.5°C or
±0.0040*|t|(1)
±1.5°C or
±0.0040*|t|(1)
±1.5°C or
±0.0040*|t|(1)
Class 2
±2.5°C or
±0.0075*|t|(1)
±2.5°C or
±0.0075*|t|(1)
±2.5°C or
±0.0040*|t|(1)
Class 3
N/A
±2.5°C or
±0.0040*|t|(1)
±2.5°C or
±0.0150*|t|(1)
Thermocouples (ANSI MC 96.1)
Type J
Type K
Type N
Standard
±2.2°C or
±0.0075*|t|(1)
±2.2°C or
±0.0075*|t|(1)
±2.2°C or
±0.0040*|t|(1)
Special
±1.1°C or
±0.0040*|t|(1)
±1.1°C or
±0.0040*|t|(1)
±1.1°C or
±0.0040*|t|(1)
Data Sheet
S70 Tube Skin Thermocouples
of 5
1
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2022 Ashcroft Inc. S70_Thermo_ds_RevA_03-22-22
ashcroft.com
info@ashcroft.com
1.800.328.8258


Similar Part No. - S70STKSS

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
S70 HELLERMANNTYTON-S70 Datasheet
178Kb / 1P
Terminals
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
S70-138181045R HARWIN-S70-138181045R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
S70-138305045R HARWIN-S70-138305045R Datasheet
63Kb / 1P
SMT POGO PIN CONTACT PAD
S70-220101045R HARWIN-S70-220101045R Datasheet
67Kb / 1P
SMT POGO PIN CONTACT PAD
More results

Similar Description - S70STKSS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TH71 PHILIPS-TH71 Datasheet
132Kb / 5P
THERMOCOUPLES
December 1968
logo
RHOPOINT COMPONENTS
20100-1 RHOPOINT-20100-1 Datasheet
111Kb / 1P
Butt bonded thermocouples
26721 RHOPOINT-26721 Datasheet
99Kb / 1P
?쏶tikonTM??thermocouples
logo
MORNSUN Science& Techno...
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
Thermocouples Isolation Safety Barrier
logo
PHOENIX CONTACT
2902055 PHOENIX-2902055 Datasheet
461Kb / 19P
Temperature transducers for thermocouples
logo
TT Electronics.
DS3010 TTELEC-DS3010 Datasheet
1Mb / 2P
Temperature Brearley Mineral Insulated Thermocouples
logo
PHOENIX CONTACT
1430381 PHOENIX-1430381 Datasheet
124Kb / 8P
Connector - SACC-M12FS-4CON-PG7-M SKIN
09/11/2020
logo
List of Unclassifed Man...
5SRTC ETC-5SRTC Datasheet
537Kb / 2P
Ready-Made Insulated Thermocouples
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com