Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S81NT2BB Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # S81NT2BB
Description  S81 RTD Temperature Probes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S81NT2BB Datasheet(HTML) 1 Page - Ashcroft, Inc.

  S81NT2BB Datasheet HTML 1Page - Ashcroft, Inc. S81NT2BB Datasheet HTML 2Page - Ashcroft, Inc. S81NT2BB Datasheet HTML 3Page - Ashcroft, Inc. S81NT2BB Datasheet HTML 4Page - Ashcroft, Inc. S81NT2BB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RTD Temperature probes with mineral insulation, available with optional connectors.
Data Sheet
ashcroft.com
| 1.800.328.8258 | Contact Us
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S81_RTD_ds_RevC_04-05-23
SPECIFICATIONS
Sheath Stem Diameter: 1⁄8˝, 3⁄16˝, ¼˝, 3 mm, 4.5 mm, 6 mm, 8 mm
Stem Length:
Minimum: 50 mm/2 in
Maximum: 3 m/120 in
Sensor Type &
Measuring Range
RTDs Platinum 385 Curve
Pt 100, -200 to 600 °C
Pt 1000, -40 to 600 °C
Wiring Configuration:
RTDs (single or dual)
2-wire
3-wire
4-wire
Accuracy Class
RTDs (IEC 60751)
Class A
Class B
Class AA
KEY BENEFITS
• Flexible designs for critical applications
• Highly accurate and repeatable
DESCRIPTION
These probes may be supplied with either single or dual
elements. The probe can be suplied with extension lead wire,
process connection connectors. The lead wires can be PVC,
silicone, PTFE or fiberglass insulation.
TYPICAL USES
n For chemical and petrochemical plants, refineries, utilities,
pulp and paper, etc
.
n For a wide range of process: vapors, gases
and liquids
n Flexible configurations, heavy duty MgO
n Special designs for intrinsically safe and
non-incendive applications
n Available with remote heads and flex armor
S81 Thermocouple Options
Probe with
extension
lead wire
Connector
Compression Fitting
Protection Spring on lead wire
Round Pin
Inset
OPTIONAL APPROVALS
FM Intrinsically safe:
Class I, Division 1, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
FM Nonincedive:
Class I, Division 2, Groups A, B, C, D
T4 for -55 °C ≤ Ta ≤ 80 °C
T5 for -55 °C ≤ Ta ≤ 55 °C
T6 for -55 °C ≤ Ta ≤ 40 °C
ATEX or IECEx:
ATEX or IECEx
II 1 G Ex ia IIC T6 Ga -50 °C to 60 °C
II 2 G Ex ib IIC T6 Gb -50 °C to 60 °C
II 2 G Ex e IIC T6 Gb -55 °C to 60 °C
S81 RTD Temperature Probes
of 5
1


Similar Part No. - S81NT2BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S81-125 ETC2-S81-125 Datasheet
502Kb / 2P
CLASS 2 TRANSFORMERS ??ENERGY LIMITING
logo
Won-Top Electronics
S810 WTE-S810 Datasheet
52Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2019
S810-T3 WTE-S810-T3 Datasheet
52Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2019
logo
Harwin Plc
S8101-46R HARWIN-S8101-46R Datasheet
116Kb / 1P
SMT CABLE CLIP 01.0mm IN TAPE & REEL
logo
Roithner LaserTechnik G...
S810500MG ROITHNER-S810500MG Datasheet
1Mb / 5P
Flat window cap
More results

Similar Description - S81NT2BB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
Precision NTC Thermistor Probes for Temperature Measurement
logo
RFE international
SS113 RFE-SS113 Datasheet
88Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS SS Series: Probes
logo
Extech Instruments Corp...
409997 EXTECH-409997 Datasheet
180Kb / 1P
Temperature Probes
872502 EXTECH-872502 Datasheet
180Kb / 1P
Temperature Probes
881616 EXTECH-881616 Datasheet
180Kb / 1P
Temperature Probes
TP870 EXTECH-TP870_15 Datasheet
180Kb / 1P
Temperature Probes
TP873 EXTECH-TP873 Datasheet
180Kb / 1P
Temperature Probes
logo
Amphenol Corporation
HTP60 AMPHENOL-HTP60 Datasheet
54Kb / 4P
High Temperature Probes
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Turck, Inc.
TTM-100-LIUPN-H1140 TURCK-TTM-100-LIUPN-H1140 Datasheet
155Kb / 2P
Temperature measurement miniature transmitter for external probes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com