Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6727TR Datasheet HTML 5Page - STMicroelectronics L6727TR Datasheet HTML 6Page - STMicroelectronics L6727TR Datasheet HTML 7Page - STMicroelectronics L6727TR Datasheet HTML 8Page - STMicroelectronics L6727TR Datasheet HTML 9Page - STMicroelectronics L6727TR Datasheet HTML 10Page - STMicroelectronics L6727TR Datasheet HTML 11Page - STMicroelectronics L6727TR Datasheet HTML 12Page - STMicroelectronics L6727TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
L6727
Device description
9/22
4
Device description
L6727 is a single-phase PWM controller with embedded high-current drivers that provides
complete control logic and protections to realize in an easy and simple way a general DC-
DC step-down converter. Designed to drive N-channel MOSFETs in a synchronous buck
topology, with its high level of integration this 8-pin device allows reducing cost and size of
the power supply solution.
L6727 is designed to operate from a 5V or 12V supply bus. Thanks to the high precision
0.8V internal reference, the output voltage can be precisely regulated to as low as 0.8V with
±1% accuracy over line and temperature variations (between 0°C and +70°C).
The switching frequency is internally set to 300kHz.
This device provides a simple control loop with a voltage-mode error-amplifier. The error-
amplifier features a 15MHz gain-bandwidth product and 8V/µs slew rate, allowing high
regulator bandwidth for fast transient response.
To avoid load damages, L6727 provides over current protection as well as over voltage,
under voltage and feedback disconnection protection. When the device is supplied from 5V,
over current trip threshold is programmable by a simple resistor. Output current is monitored
across Low-Side MOSFET RdsON, saving the use of expensive and space-consuming sense
resistor. Output voltage and feedback disconnection are monitored through FB pin.
L6727 implements soft-start increasing the internal reference from 0V to 0.8V in 5.1ms (typ)
in closed loop regulation. Low-Side-Less feature allows the device to perform soft-start over
pre-biased output avoiding high current return through the output inductor and dangerous
negative spike at the load side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com