Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6727TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6727TR
Description  Single phase PWM controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6727TR Datasheet(HTML) 5 Page - STMicroelectronics

  L6727TR Datasheet HTML 1Page - STMicroelectronics L6727TR Datasheet HTML 2Page - STMicroelectronics L6727TR Datasheet HTML 3Page - STMicroelectronics L6727TR Datasheet HTML 4Page - STMicroelectronics L6727TR Datasheet HTML 5Page - STMicroelectronics L6727TR Datasheet HTML 6Page - STMicroelectronics L6727TR Datasheet HTML 7Page - STMicroelectronics L6727TR Datasheet HTML 8Page - STMicroelectronics L6727TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
L6727
Pins description and connection diagrams
5/22
2
Pins description and connection diagrams
Figure 3.
Pins connection (top view)
2.1
Pin descriptions
Table 2.
Pins descriptions
1
2
3
4
VCC
FB
COMP / DIS / OC
PHASE
LGATE
GND
UGATE
BOOT
5
6
7
8
L6727
Pin #
Name
Function
1BOOT
HS Driver Supply.
Connect through a capacitor (100nF) to the floating node (LS-Drain) pin
and provide necessary bootstrap diode from VCC.
2
UGATE
HS Driver Output. Connect to HS mosfet gate.
3GND
All internal references, logic and drivers are connected to this pin.
Connect to the PCB ground plane.
4
LGATE
LS Driver Output. Connect to LS mosfet gate.
5VCC
Device and LS Driver power supply.
Operative range from 4.1V to 13.2V. Filter with at least 1
µF MLCC to GND.
6FB
Error Amplifier Inverting Input.
Connect with a resistor RFB to the output regulated voltage. Additional
resistor ROS to GND may be used to regulate voltages higher than the
reference.
7
COMP / DIS
/ OC
COMP. Error Amplifier Output. Connect with an RF - CF // CP to FB to
compensate the control-loop.
DIS. The device can be disabled by forcing this pin lower than 0.5V(typ). To
disable the device, the external pull-down need to overcome 10mA of
COMP output current for about 15
µs. Once disabled, COMP output current
drops to 20
µA.
OC. Over current threshold set. Connect with an ROCSET resistor to VCC
(ONLY IF VCC is supplied by 5V bus) to program OC threshold. When
VCC > 5V, ROCSET need to be not-connected.
8
PHASE
HS Driver return path, current-reading and adaptive-dead-time monitor.
Connect to the LS drain to sense RdsON drop to measure the output
current. This pin is also used by the adaptive-dead-time control circuitry to
monitor when HS mosfet is OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com