Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331ALTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS331ALTR
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331ALTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS331ALTR Datasheet HTML 2Page - STMicroelectronics LIS331ALTR Datasheet HTML 3Page - STMicroelectronics LIS331ALTR Datasheet HTML 4Page - STMicroelectronics LIS331ALTR Datasheet HTML 5Page - STMicroelectronics LIS331ALTR Datasheet HTML 6Page - STMicroelectronics LIS331ALTR Datasheet HTML 7Page - STMicroelectronics LIS331ALTR Datasheet HTML 8Page - STMicroelectronics LIS331ALTR Datasheet HTML 9Page - STMicroelectronics LIS331ALTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Block diagram & pins description
LIS331AL
6/16
Table 2.
Pin description
Pin #
Pin name
Function
1
res
Connect to Vdd
2
res
Connect to Vdd
3
NC
Not Connected
4
ST
Self Test (Logic 0: normal mode; Logic 1: Self-Test mode)
5
PD
Power Down (Logic 0: normal mode; Logic 1: Power-Down mode)
6
GND
0V supply
7
NC
Not connected
8
NC
Not connected
9
Voutz
Output voltage Z channel
10
NC
Not connected
11
Vouty
Output voltage Y channel
12
NC
Not connected
13
Voutx
Output voltage X channel
14
NC
Not connected
15
res
Connect to Vdd
16
Vdd
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com