Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331ALTR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS331ALTR
Description  MEMS inertial sensor: 3-axis - ±2g analog output ?쐍ano??accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331ALTR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS331ALTR Datasheet HTML 8Page - STMicroelectronics LIS331ALTR Datasheet HTML 9Page - STMicroelectronics LIS331ALTR Datasheet HTML 10Page - STMicroelectronics LIS331ALTR Datasheet HTML 11Page - STMicroelectronics LIS331ALTR Datasheet HTML 12Page - STMicroelectronics LIS331ALTR Datasheet HTML 13Page - STMicroelectronics LIS331ALTR Datasheet HTML 14Page - STMicroelectronics LIS331ALTR Datasheet HTML 15Page - STMicroelectronics LIS331ALTR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application hints
LIS331AL
12/16
4
Application hints
Figure 3.
LIS331AL electrical connection
Power supply decoupling capacitors (100 nF ceramic or polyester + 10
µF aluminum) should
be placed as near as possible to the device (common design practice).
The LIS331AL allows to band limit Voutx, Vouty and Voutz through the use of external
capacitors. The recommended frequency range spans from DC up to 2.0 kHz. In particular,
capacitors are added at output Voutx, Vouty, Voutz pins to implement low-pass filtering for
antialiasing and noise reduction. The equation for the cut-off frequency (ft) of the external
filters is in this case:
Taking into account that the internal filtering resistor (Rout) has a nominal value equal to 32
k
Ω, the equation for the external filter cut-off frequency may be simplified as follows:
The tolerance of the internal resistor can vary typically of
±20% within its nominal value of 32
k
Ω; thus the cut-off frequency will vary accordingly. A minimum capacitance of 2.5 nF for
Cload(x, y, z) is required.
Table 6.
Filter capacitor selection, Cload (x,y,z)
Cut-off frequency
Capacitor value
1 Hz
5
µF
10 Hz
0.5
µF
20 Hz
250nF
50 Hz
100nF
Pin 1 indicator
Vdd
GND
GND
100nF
10
µF
GND
(Top view)
Direction of the
detectable
accelerations
Y
1
X
Z
Digital signals
LIS331AL
(top view)
ST
1
5
13
Cload y
Vout x
Cload x
Optional
Vout y
Cload z
Vout z
2
3
4
12
11
10
9
16
15 14
6
7
8
PD
f
t
1
2
π R
out
C
load xy
z
,,
()
⋅⋅
-------------------------------------------------------------------------
=
f
t
5
µF
C
load xy
z
,,
()
--------------------------------------- Hz
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com