Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 57Page - STMicroelectronics ST10F272 Datasheet HTML 58Page - STMicroelectronics ST10F272 Datasheet HTML 59Page - STMicroelectronics ST10F272 Datasheet HTML 60Page - STMicroelectronics ST10F272 Datasheet HTML 61Page - STMicroelectronics ST10F272 Datasheet HTML 62Page - STMicroelectronics ST10F272 Datasheet HTML 63Page - STMicroelectronics ST10F272 Datasheet HTML 64Page - STMicroelectronics ST10F272 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 179 page
background image
ST10F272
General purpose timer unit
61/179
Figure 10.
Block diagram of GPT1
Resolution
200ns
400ns
0.8µs
1.6µs
3.2µs
6.4µs
12.8µs
25.6µs
Period
maximum
13.1ms
26.2ms
52.4ms
104.8
ms
209.7ms
419.4ms
838.9ms
1.678s
Table 35.
GPT1 timer input frequencies, resolutions and periods at 64 MHz
fCPU = 64 MHz
Timer Input Selection T2I / T3I / T4I
000b
001b
010b
011b
100b
101b
110b
111b
Pre-scaler
factor
8
16
32
64
128
256
512
1024
Input Freq
8MHz
4MHz
2MHz
1 kHz
500 kHz
250 kHz
128 kHz
64 kHz
Resolution
125ns
250ns
0.5µs
1.0µs
2.0µs
4.0µs
8.0µs
16.0µs
Period
maximum
8.2ms
16.4ms
32.8ms
65.5ms
131.1ms
262.1ms
524.3ms
1.049s
Table 34.
GPT1 timer input frequencies, resolutions and periods at 40 MHz
fCPU = 40 MHz
Timer Input Selection T2I / T3I / T4I
000b
001b
010b
011b
100b
101b
110b
111b
2n n=3...10
2n n=3...10
2n n=3...10
T2EUD
T2IN
CPU Clock
CPU Clock
CPU Clock
T3IN
T4IN
T3EUD
T4EUD
GPT1 Timer T2
GPT1 Timer T3
GPT1 Timer T4
T3OTL
Reload
Capture
U/D
U/D
Reload
Capture
Interrupt
Request
Interrupt
Request
Interrupt
Request
T3OUT
U/D
T2
Mode
Control
T3
Mode
Control
T4
Mode
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com