Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 72Page - STMicroelectronics ST10F272 Datasheet HTML 73Page - STMicroelectronics ST10F272 Datasheet HTML 74Page - STMicroelectronics ST10F272 Datasheet HTML 75Page - STMicroelectronics ST10F272 Datasheet HTML 76Page - STMicroelectronics ST10F272 Datasheet HTML 77Page - STMicroelectronics ST10F272 Datasheet HTML 78Page - STMicroelectronics ST10F272 Datasheet HTML 79Page - STMicroelectronics ST10F272 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 179 page
background image
CAN modules
ST10F272
76/179
Single CAN bus
The single CAN Bus multiple interfaces configuration may be implemented using two CAN
transceivers as shown in Figure 13.
Figure 13.
Connection to single CAN bus via separate CAN transceivers
The ST10F272 also supports single CAN Bus multiple (dual) interfaces using the open drain
option of the CANx_TxD output as shown in Figure 14. Thanks to the OR-Wired
Connection, only one transceiver is required. In this case the design of the application must
take in account the wire length and the noise environment.
Figure 14.
Connection to single CAN bus via common CAN transceivers
CAN1
RX
TX
CAN_H
CAN_L
CAN bus
CAN2
RX
TX
XMISC.CANPAR = 0
CAN
CAN
Transceiver
Transceiver
P4.4
P4.7
P4.5
P4.6
OD = Open Drain Output
+5V
CAN
CAN_H
CAN_L
CAN bus
2.7kW
OD
Transceiver
XMISC.CANPAR = 0
CAN1
RX
TX
CAN2
RX
TX
P4.4
P4.7
P4.5
P4.6
OD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com