Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST10F272
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST10F272 Datasheet HTML 171Page - STMicroelectronics ST10F272 Datasheet HTML 172Page - STMicroelectronics ST10F272 Datasheet HTML 173Page - STMicroelectronics ST10F272 Datasheet HTML 174Page - STMicroelectronics ST10F272 Datasheet HTML 175Page - STMicroelectronics ST10F272 Datasheet HTML 176Page - STMicroelectronics ST10F272 Datasheet HTML 177Page - STMicroelectronics ST10F272 Datasheet HTML 178Page - STMicroelectronics ST10F272 Datasheet HTML 179Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 175 / 179 page
background image
ST10F272
Electrical characteristics
175/179
Figure 62.
SSC slave timing
1.
The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock
edge as shift edge (drawn in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading
clock edge is low-to-high transition (SSCPO = 0b).
2.
The bit timing is repeated for all bits to be transmitted or received.
t317
SR
Read data setup time before latch
edge, phase error detection off
(SSCPEN = 0)
6–
6
–
ns
t318
SR
Read data hold time after latch
edge, phase error detection off
(SSCPEN = 0)
31
–
2TCL + 6
–
ns
1.
Maximum Baudrate is in reality 8Mbaud, that can be reached with 64MHz CPU clock and <SSCBR> set to ‘3h’, or with
48MHz CPU clock and <SSCBR> set to ‘2h’. When 40MHz CPU clock is used the maximum baudrate cannot be higher
than 6.6Mbaud (<SSCBR> = ‘2h’) due to the limited granularity of <SSCBR>. Value ‘1h’ for <SSCBR> may be used only
with CPU clock lower than 32MHz (after checking that resulting timings are suitable for the master).
2.
Formula for SSC Clock Cycle time: t310 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baudrate register, taken as unsigned 16-bit integer.
Minimum limit allowed for t310 is 125ns (corresponding to 8Mbaud).
Table 82.
SSC slave mode timings (continued)
Symbol
Parameter
Max. Baudrate
6.6 MBd (1))
@FCPU = 40MHz
(<SSCBR> = 0002h)
Variable Baudrate
(<SSCBR> = 0001h -
FFFFh)
Unit
min.
max.
min.
max.
1st out bit
Last out bit
2nd out bit
1)
2)
2nd in bit
1st in bit
Last in bit
SCLK
MRST
MTSR
t313
t314
t315
t316
t315
t317 t318
t317 t318
t315
t310
t311
t312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com