Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7809CV Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7809CV
Description  Positive voltage regulators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809CV Datasheet(HTML) 1 Page - STMicroelectronics

  L7809CV Datasheet HTML 1Page - STMicroelectronics L7809CV Datasheet HTML 2Page - STMicroelectronics L7809CV Datasheet HTML 3Page - STMicroelectronics L7809CV Datasheet HTML 4Page - STMicroelectronics L7809CV Datasheet HTML 5Page - STMicroelectronics L7809CV Datasheet HTML 6Page - STMicroelectronics L7809CV Datasheet HTML 7Page - STMicroelectronics L7809CV Datasheet HTML 8Page - STMicroelectronics L7809CV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
August 2007
Rev. 16
1/52
52
L78xx
L78xxC
Positive voltage regulators
Features
■ Output current to 1.5 A
■ Output voltages of 5; 5.2; 6; 8; 8.5; 9; 10; 12;
15; 18; 20; 24 V
■ Thermal overload protection
■ Short circuit protection
■ Output transition SOA protection
Description
The L78xx series of three-terminal positive
regulators is available in TO-220, TO-220FP,
TO-3 and D2PAK packages and several fixed
output voltages, making it useful in a wide range
of applications. These regulators can provide
local on-card regulation, eliminating the
distribution problems associated with single point
regulation. Each type employs internal current
limiting, thermal shut-down and safe area
protection, making it essentially indestructible. If
adequate heat sinking is provided, they can
deliver over 1 A output current. Although designed
primarily as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable voltage and currents.
TO-220FP
D2PAK
TO-220
TO-3
Table 1.
Device summary
Order codes
L7805
L7810C
L7805C
L7812C
L7852C
L7815C
L7806C
L7818C
L7808C
L7820C
L7885C
L7824C
L7809C
www.st.com


Similar Part No. - L7809CV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7809CV STMICROELECTRONICS-L7809CV Datasheet
1Mb / 34P
POSITIVE VOLTAGE REGULATORS
09-Nov-2004
L7809CV STMICROELECTRONICS-L7809CV Datasheet
1Mb / 56P
Positive voltage regulators
18-Mar-2008
L7809CV STMICROELECTRONICS-L7809CV Datasheet
1Mb / 58P
Positive voltage regulator ICs
logo
Inchange Semiconductor ...
L7809CV ISC-L7809CV Datasheet
252Kb / 2P
isc Three Terminal Positive Voltage Regulator
logo
STMicroelectronics
L7809CV STMICROELECTRONICS-L7809CV Datasheet
2Mb / 57P
Positive voltage regulator ICs
12-Mar-2013
More results

Similar Description - L7809CV

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
78L18 WINGS-78L18 Datasheet
154Kb / 2P
Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
POSITIVE VOLTAGE REGULATORS
Jul-2003
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
POSITIVE-VOLTAGE REGULATORS
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
Positive voltage regulators
14-Apr-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com