Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8122 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
AC Timings
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
2-5
2.5.1
Output Buffer Impedances
2.5.2
Start-Up Timing
Starting the device requires coordination among several input sequences including clocking, reset, and power.
Section 2.5.3 describes the clocking characteristics. Section 2.5.4 describes the reset and power-up characteristics.
You must use the following guidelines when starting up an MSC8122 device:
•
PORESET
and TRST must be asserted externally for the duration of the power-up sequence. See Table 2-10
for timing.
•
If possible, bring up the VDD and VDDH levels together. For designs with separate power supplies, bring up
the VDD levels and then the VDDH levels (see Figure 2-3).
•
CLKIN
should start toggling at least 16 cycles (starting after VDDH reaches its nominal level) before
PORESET
deassertion to guarantee correct device operation (see Figure 2-2 and Figure 2-3).
•
CLKIN
must not be pulled high during VDDH power-up. CLKIN can toggle during this period.
The following figures show acceptable start-up sequence examples. Figure 2-2 shows a sequence in which VDD and
VDDH are raised together. Figure 2-3 shows a sequence in which VDDH is raised after VDD and CLKIN begins to toggle
as VDDH rises.
Table 2-5.
Output Buffer Impedances
Output Buffers
Typical Impedance (
Ω)
System bus
50
Memory controller
50
Parallel I/O
50
Note:
These are typical values at 65°C. The impedance may vary by ±25% depending on device process and operating temperature.
Figure 2-2.
Start-Up Sequence with VDD and VDDH Raised Together
Time
o.5 V
3.3 V
1.2 V
VDDH Nominal Level
PORESET/TRST Asserted
VDD Nominal Level
CLKIN Starts Toggling
VDD/VDDH Applied
PORESET/TRST Deasserted
1
2.2 V
VDDH = Nominal Value
VDD = Nominal Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com