Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSC8122 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 45Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 46Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 47Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 48Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 49Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 50Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 51Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 52Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
AC Timings
MSC8122 Technical Data, Rev. 13
Freescale Semiconductor
2-15
2.5.5.3 DMA Data Transfers
Table 2-16 describes the DMA signal timing.
The DREQ
signal is synchronized with REFCLK. To achieve fast response, a synchronized peripheral should assert
DREQ
according to the timings in Table 2-16. Figure 2-7 shows synchronous peripheral interaction.
Table 2-16.
DMA Signals
No.
Characteristic
Ref = CLKIN
Ref = CLKOUT
(1.2 V only)
Units
Min
Max
Min
Max
37
DREQ set-up time before the 50% level of the falling edge of REFCLK
5.0
—
5.0
—
ns
38
DREQ hold time after the 50% level of the falling edge of REFCLK
0.5
—
0.5
—
ns
39
DONE set-up time before the 50% level of the rising edge of REFCLK
5.0
—
5.0
—
ns
40
DONE hold time after the 50% level of the rising edge of REFCLK
0.5
—
0.5
—
ns
41
DACK/DRACK/DONE delay after the 50% level of the REFCLK rising edge
0.5
7.5
0.5
8.4
ns
Figure 2-7.
DMA Signals
REFCLK
DREQ
DONE
DACK/DONE/DRACK
37
38
40
39
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com