Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS273 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS273
Description  Octal D Flip-Flop with Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS273 Datasheet(HTML) 2 Page - SYC Electronica

  74LS273 Datasheet HTML 1Page - SYC Electronica 74LS273 Datasheet HTML 2Page - SYC Electronica 74LS273 Datasheet HTML 3Page - SYC Electronica 74LS273 Datasheet HTML 4Page - SYC Electronica 74LS273 Datasheet HTML 5Page - SYC Electronica 74LS273 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN74LS273
2
18
17
16
15
14
13
12
3
4
5
6
7
20
19
8
VCC
MR
Q7
D7
D6
Q6
D5
Q5
D4
Q0
D0
D1
Q1
Q2
D2
D3
910
Q3 GND
12
11
Q4
CP
CONNECTION DIAGRAM DIP (TOP VIEW)
Clock (Active HIGH Going Edge) Input
Data Inputs
Master Reset (Active LOW) Input
Register Outputs
CP
D0 – D7
MR
Q0 – Q7
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
TRUTH TABLE
MR
CP
Dx
Qx
L
X
X
L
H
H
H
H
L
L
H = HIGH Logic Level
L = LOW Logic Level
X = Immaterial
LOGIC DIAGRAM
CP
MR
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
CP D
CD Q
14
1
26
7
3
8
4
5
9
11
12
13
15
VCC = PIN 20
GND = PIN 10
= PIN NUMBERS
17
18
16
19
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com