Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS273 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS273
Description  Octal D Flip-Flop with Clear
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS273 Datasheet(HTML) 1 Page - SYC Electronica

  74LS273 Datasheet HTML 1Page - SYC Electronica 74LS273 Datasheet HTML 2Page - SYC Electronica 74LS273 Datasheet HTML 3Page - SYC Electronica 74LS273 Datasheet HTML 4Page - SYC Electronica 74LS273 Datasheet HTML 5Page - SYC Electronica 74LS273 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SN74LS273
Octal D Flip-Flop
with Clear
The SN74LS273 is a high-speed 8-Bit Register. The register
consists of eight D-Type Flip-Flops with a Common Clock and an
asynchronous active LOW Master Reset. This device is supplied in a
20-pin package featuring 0.3 inch lead spacing.
• 8-Bit High Speed Register
• Parallel Register
• Common Clock and Master Reset
• Input Clamp Diodes Limit High-Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
ORDERING INFORMATION
SN74LS273N
16 Pin DIP
SN74LS273DW
16 Pin
SOIC
DW SUFFIX
CASE 751D
PLASTIC
N SUFFIX
CASE 738
20
1
20
1
74LS273
www.sycelectronica.com.ar


Similar Part No. - 74LS273

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
74LS273 MITSUBISHI-74LS273 Datasheet
210Kb / 4P
OCTAL POSITIVE EDGE-TRIGGERED D-TYPE FLIP FLOP WITH RESET
logo
Motorola, Inc
74LS273 MOTOROLA-74LS273 Datasheet
184Kb / 5P
OCTAL D FLIP-FLOP WITH CLEAR
logo
National Semiconductor ...
74LS273 NSC-74LS273 Datasheet
142Kb / 6P
8-Bit Register with Clear
logo
ON Semiconductor
74LS273 ONSEMI-74LS273 Datasheet
117Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS273 TI-74LS273 Datasheet
95Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - 74LS273

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS273 MOTOROLA-SN54LS273 Datasheet
184Kb / 5P
OCTAL D FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
05-Aug-1997
TC7MH273FK TOSHIBA-TC7MH273FK Datasheet
193Kb / 7P
Octal D-Type Flip Flop with Clear
19-Oct-2007
logo
Texas Instruments
SN54273 TI-SN54273_08 Datasheet
284Kb / 8P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Unisonic Technologies
U74LVC273G-S20-R UTC-U74LVC273G-S20-R Datasheet
221Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
31-Jan-2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com