Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS377 Datasheet(PDF) 2 Page - SYC Electronica

Part # 74LS377
Description  Octal D Flip-Flop with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS377 Datasheet(HTML) 2 Page - SYC Electronica

  74LS377 Datasheet HTML 1Page - SYC Electronica 74LS377 Datasheet HTML 2Page - SYC Electronica 74LS377 Datasheet HTML 3Page - SYC Electronica 74LS377 Datasheet HTML 4Page - SYC Electronica 74LS377 Datasheet HTML 5Page - SYC Electronica 74LS377 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CONNECTION DIAGRAM DIP (TOP VIEW)
Enable (Active LOW) Input
Data Inputs
Clock (Active HIGH Going Edge) Input
True Outputs
Complemented Outputs
E
D0 – D3
CP
Q0 – Q3
Q0 – Q3
0.5 U.L.
0.5 U.L.
0.5 U.L.
10 U.L.
10 U.L.
0.25 U.L.
0.25 U.L.
0.25 U.L.
5 U.L.
5 U.L.
NOTES:
a) 1 TTL Unit Load (U.L.) = 40
mA HIGH/1.6 mA LOW.
HIGH
LOW
(Note a)
LOADING
PIN NAMES
NOTE:
The Flatpak version
has the same pinouts
(Connection Diagram) as
the Dual In-Line Package.
18
17
16
15
14
13
12
3
4
5
6
7
20
19
8
VCC
E
Q7
D7
D6
Q6
D5
Q5
D4
Q0
D0
D1
Q1
Q2
D2
D3
910
Q3
GND
12
11
Q4
CP
LOGIC DIAGRAM
E
ENABLE
D0
D1
D2
D3
D4
D5
D6
D7
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
CP
CLOCK
CP D
Q
14
26
7
3
8
4
5
9
12
16
13
17
CP D
Q
CP D
Q
CP D
Q
CP D
Q
CP D
Q
CP D
Q
CP D
Q
18
15
19
1
11
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com